Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXLE1000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE1000
Description  UHF Temperature Compensated Crystal Oscillator (TCXO)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE1000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE1000 Datasheet HTML 1Page - Advanced XTAL Products AXLE1000 Datasheet HTML 2Page - Advanced XTAL Products AXLE1000 Datasheet HTML 3Page - Advanced XTAL Products AXLE1000 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXLE1000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE1000
Rev.: 1
Date: 2014-06-20
Oscillator type:
UHF Temperature Compensated Crystal Oscillator (TCXO)
Parameter
min.
typ.
max. Unit
Condition
Frequency range
300
1300
MHz
Nominal frequencies
1000.000 / 1200.000
MHz
Frequency stability
ppm
Initial tolerance
±5
ppm
@ 25°C
vs. operating temperature range
±0.5 to ±5
See tables 1 & 2
ppm
Option 1 & 2
vs. supply voltage variation
±1
ppm
VS ±5%
vs. load change
±1
ppm
RL ±5%
Long term (aging) per year
±1
ppm
Frequency adjustment range
Electronic Frequency Control (EFC)
±5
ppm
EFC voltage VC
0.5
2.5
4.5
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load
50
Output level
+7
+10
dBm
Harmonics
-45
-40
dBc
Sub-harmonics (multiples of fOUT/10)
-45
-40
dBc
(Note 2)
Spurious
-80
dBc
Phase noise
Consult factory
Supply voltage VS
11.4
12.0
12.6
V
(Note 3)
Current consumption (steady state)
80
mA
@ +25°C
Operating temperature range
-20
+70
°C
Enclosure (see drawing) (LxWxH)
54x40x19
mm
h = 2.0 mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Depending on frequency multiplication factor may be lower or higher than 10
3.
Other supply voltages on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
6
V
VC to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXLE1000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10 AXTAL-AXLE10 Datasheet
55Kb / 2P
TCXO
2005-05-22
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
More results

Similar Description - AXLE1000

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5921A NDK-5921A Datasheet
91Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Advanced XTAL Products
AXLE130 AXTAL-AXLE130 Datasheet
121Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
AXLE175 AXTAL-AXLE175 Datasheet
109Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
High Precision Temperature Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com