Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXIOM95LP Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM95LP
Description  VHF OCXO in Low Profile Connectorized Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM95LP Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM95LP Datasheet HTML 1Page - Advanced XTAL Products AXIOM95LP Datasheet HTML 2Page - Advanced XTAL Products AXIOM95LP Datasheet HTML 3Page - Advanced XTAL Products AXIOM95LP Datasheet HTML 4Page - Advanced XTAL Products AXIOM95LP Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM95LP Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM95LP
Rev.: 1
Date: 2014-04-30
Oscillator type:
VHF OCXO in Low Profile Connectorized Package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
80
130
MHz
Standard frequencies
80.000/95.000/96.000
100.000/125.000/128.000
MHz
Frequency stability
Initial tolerance @ +25°C
±300
ppb
VC @ centre value
vs. operating temperature range
Option 3 & 4
See tables 2 & 3
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±10
ppb
RL ±10%
Long term (aging) per day
(after 30 days operation) (Note 2)
±10
±2
ppb
ppb
AT-Cut
SC-Cut
Long term (aging) 1
st year
(after 30 days operation) (Note 2)
±300
±50
±500
±200
ppb
ppb
AT-Cut
SC-Cut
Frequency adjustment range
Electronic Frequency Control (EFC)
±2
±1
±5
ppm
ppm
AT-Cut
SC-Cut
EFC voltage VC
0.25
2.5
4.75
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±10%
Output level (Note 3)
+3
dBm
Harmonics
-30
dBc
Spurious
-90
dBc
Warm-up time @ +25°C
3
5
min
∆ffinal/f0 < ±0.1 ppm
Phase Noise
Consult factory
Supply voltage VS
4.75
11.4
5.0
12.0
5.25
12.6
V
V
Option 2 = “50”
Option 2 = “12”
Current consumption (steady state)
@ +25°C (Note 4)
250
150
mA
mA
Option 2 = “50”
Option 2 = “12”
Current consumption (warm-up)
(Note 4)
600
350
mA
mA
Option 2 = “50”
Option 2 = “12”
Enclosure (see drawing) (LxWxH)
54.0x40.0x13.0 max.
mm
Option 1 (see Table 1)
Weight
50
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Lower aging on request
3.
Other output level on request
4.
May be higher for wide operating temperature range


Similar Part No. - AXIOM95LP

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM95 AXTAL-AXIOM95 Datasheet
59Kb / 2P
VHF OCXO with SMA connector
2006-03-15
More results

Similar Description - AXIOM95LP

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
VHF OCXO - Ultra low noise
2008-01-25
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM37-14LP AXTAL-AXIOM37-14LP Datasheet
164Kb / 4P
Ultra-Low Power Low-Profile OCXO in DIL14 package
2016-02-29
AXIOM37H-14 AXTAL-AXIOM37H-14 Datasheet
110Kb / 4P
High Stability VHF Very Low Power OCXO in DIL14 package
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
SHF Low Phase Noise TCXO in Connectorized Package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIS90 AXTAL-AXIS90 Datasheet
103Kb / 3P
Wide-pull VHF/UHF VCXO in connectorized package
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com