Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXPLO100 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXPLO100
Description  Phase-Locked 100 MHz OCXO (PLOCXO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXPLO100 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXPLO100 Datasheet HTML 1Page - Advanced XTAL Products AXPLO100 Datasheet HTML 2Page - Advanced XTAL Products AXPLO100 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXPLO100 Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Ordering Code
Model
Input Frequency [MHz]
Output Frequency [MHz]
Revision
AXPLO100
10.000
100.000
Rev.3
Example: AXPLO100-10.000-100.000_Rev.3
Enclosure drawing
Pin connections:
Pin #
Symbol
Function
1
LD
Lock Detect Output
2
GND
Ground
3
VS
Supply Voltage
SMA1
RF OUT
RF Output
SMA2
FREF
Reference Frequency Input



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com