Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XHP35 Datasheet(PDF) 21 Page - Cree, Inc

Part # XHP35
Description  Cree XLamp XHP35 LEDs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35 Datasheet(HTML) 21 Page - Cree, Inc

Back Button XHP35 Datasheet HTML 17Page - Cree, Inc XHP35 Datasheet HTML 18Page - Cree, Inc XHP35 Datasheet HTML 19Page - Cree, Inc XHP35 Datasheet HTML 20Page - Cree, Inc XHP35 Datasheet HTML 21Page - Cree, Inc XHP35 Datasheet HTML 22Page - Cree, Inc XHP35 Datasheet HTML 23Page - Cree, Inc XHP35 Datasheet HTML 24Page - Cree, Inc XHP35 Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® XHp35 LED
PErForMAnCE grouPs – CHroMAtiCity
XLamp XHP35 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
EasyWhite Color temperatures – 3-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
35G
3500 K
0.4073
0.3917
0.00927
0.00414
54.0
30G
3000 K
0.4338
0.4030
0.00834
0.00408
53.2
27G
2700 K
0.4577
0.4099
0.00834
0.00420
48.5
EasyWhite Color temperatures – 5-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
57e
5700 K
0.3287
0.3417
0.01230
0.00600
72.0
50e
5000 K
0.3447
0.3553
0.01400
0.00520
65.0
45e
4500 K
0.3611
0.3658
0.01420
0.00550
61.5
40e
4000 K
0.3818
0.3797
0.01565
0.00670
53.7
35e
3500 K
0.4073
0.3917
0.01545
0.00690
54.0
30e
3000 K
0.4338
0.4030
0.01390
0.00680
53.2
27e
2700 K
0.4577
0.4099
0.01350
0.00700
48.5
Ansi White bins
Ansi White bins
CCt
bin Code
x
y
CCt
bin Code
x
y
7000 K
0A0
0.2950
0.2970
7000 K
0R0
0.2980
0.2880
0.2920
0.3060
0.2950
0.2970
0.2984
0.3133
0.3009
0.3042
0.3009
0.3042
0.3037
0.2937
0B0
0.2920
0.3060
0S0
0.2895
0.3135
0.2895
0.3135
0.2870
0.3210
0.2962
0.3220
0.2937
0.3312
0.2984
0.3133
0.2962
0.3220
0C0
0.2984
0.3133
0T0
0.2962
0.3220
0.2962
0.3220
0.2937
0.3312
0.3028
0.3304
0.3005
0.3415
0.3048
0.3207
0.3028
0.3304
0D0
0.2984
0.3133
0U0
0.3037
0.2937
0.3048
0.3207
0.3009
0.3042
0.3068
0.3113
0.3068
0.3113
0.3009
0.3042
0.3093
0.2993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com