Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST16C552AIJ68 Datasheet(PDF) 25 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 25 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 21Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 22Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 23Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 24Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 25Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 26Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 27Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 28Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 29Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25
ST16C552/552A
Rev. 3.40
source driver and internal pull-up so that it may be wire-
or’d with other outputs. COM bit-1 is used to read status
while CON bit 1 is used to set an output state. If it is to
function as an input, CON bit-1 shall be set to a logic 1
first.
Logic 0 = -STROBE pin is a logic 1. (normal default
condition)
Logic 1 = -STROBE pin is a logic 0.
COM BIT-1:
-AutoFDXT is a bi-directional signal with an open
source driver and internal pull-up so that it may be
wire-or’d with other outputs. COM bit-1 is used to read
status while CON bit 1 is used to set an output state.
If it is to function as an input, CON bit-1 shall be set to
a logic 1 first.
Logic 0 = -AutoFDXT pin is a logic 1. (normal default
condition)
1= -AutoFDXT pin is a logic 0.
COM BIT-2:
INIT is a bi-directional signal with an open source
driver and internal pull-up so that it may be wire-or’d
with other outputs. COM bit-2 is used to read status
while CON bit 2 is used to set an output state. If it is to
function as an input, CON bit-1 shall be set to a logic
1 first.
Logic 0 = INIT pin is a logic 0. (normal default
condition)
Logic 1 = INIT pin is a logic 1.
COM BIT-3:
-SLCTIN is a bi-directional signal with an open source
driver and internal pull-up so that it may be wire-or’d
with other outputs. COM bit-1 is used to read status
while CON bit 1 is used to set an output state. If it is to
function as an input, CON bit-1 shall be set to a logic
1 first.
Logic 0 = -SLCTIN pin is a logic 1 (normal default
condition)
Logic 1 = -SLCTIN pin is a logic 0
COM BIT-4:
This bit allows the state of -INTP to be read back by the
external CPU.
Logic 0 = Interrupt (-INTP output) is disabled (normal
default condition)
Logic 1 = Interrupt (-INTP output) is enabled
COM BIT 5-7:
Not Used - initialized to a logic 1.
Control Register (CON)
This register provides control of the printer port output
logical states and controls the printer interrupts INIT
and -INTP. With the exception of PD 0-7 IN/OUT, the
status of this register may be read by reading the COM
register.
CON BIT-0:
The -STROBE output control bit is under software
control, i.e., the hardware will not generate a strobe. It
is up to software to return the state of -STROBE to the
inactive (logic 1) state. The hardware driver is open
drain so that -STROBE may be wire-or’d. The state of
this bit can be read using COM bit-0.
Logic 0 = -STROBE output is set to a logic 1. (normal
default condition)
Logic 1 = -STROBE output is set to a logic 0.
CON BIT-1:
The -AutoFDXT output control bit is set by software
using CON bit-1. The hardware driver is open drain so
that -AutoFDXT may be wire-or’d. The state of this bit
can be read using COM bit-1.
Logic 0 = -AutoFDXT output is set to a logic 1. (normal
default condition)
Logic 1 = -AutoFDXT output is set to a logic 0.
CON BIT-2:
The INIT output control bit is set by software using
CON bit-2. The hardware driver is open drain so that
INIT may be wire-or’d. The state of this bit can be read
using COM bit-2.
Logic 0 = INIT output is set to a logic 0. (normal default
condition)
Logic 1 = INIT output is set to a logic 1.
CON BIT-3:
The -SLCTIN output control bit is set by software using
CON bit-3. The hardware driver is open drain so that
-AutoFDXT may be wire-or’d. The state of this bit can
be read using COM bit-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com