Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS760SL-3 Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DS760SL-3
Description  760 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS760SL-3 Datasheet(HTML) 5 Page - Artesyn Technologies

  DS760SL-3 Datasheet HTML 1Page - Artesyn Technologies DS760SL-3 Datasheet HTML 2Page - Artesyn Technologies DS760SL-3 Datasheet HTML 3Page - Artesyn Technologies DS760SL-3 Datasheet HTML 4Page - Artesyn Technologies DS760SL-3 Datasheet HTML 5Page - Artesyn Technologies DS760SL-3 Datasheet HTML 6Page - Artesyn Technologies DS760SL-3 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS760SL Series Data Sheet
PSKILL
The +12 Vdc output only from the power supply shall be disabled if
the PSKILL input is high and V Standby will continue to be
provided, outputs may be enabled if this signal is low. The power
supply includes a pull up to disable all outputs if this signal is open.
PSKILL whall not be connectd during a hot insertion before all of
the other pins are connected.
STATUS INDICATIONS
See table below for Summary of Status signals, Ports and
Indicators. The condition column assumes 2 or more power
supplies present and ON and 5.0 Vsb shared for management
interface. On the “Fan Blocked” condition, the assumption is that
all outputs are within spec and not over temperature. This would
be considered a “warning” condition. On the “Standby” condition,
the system differentiates this state by knowing PS_ONL in
negated (requesting Standby).
ACOK# Signal Characteristics
Signal Type
Pull up to 5.0 Vsb through a
resistor in the
host system.
PWOK = High
Present
PWOK = Low
Not Present
MIN
MAX
Logic level low voltage, Isink = 4 mA
0 V
0.8 V
Logic level high voltage, Isink = 50 µA
2.0 V
4.125 V
Sink current, PRESENT# = low
4 mA
Sink current, PRESENT# = high
50 µsec
AC INPUT PRESENT INDICATOR (ACOK#)
The ACOK# signal is used to indicate presence of AC input to the
power supply. This signal shall be connected to 5.0 Vsb through a
resistor on the host system side. A logic “High” level on this signal
shall indicate AC input to the power supply is present. A Logic
“Low” on this signal shall indicate a loss of AC input to the power
supply.
Status Indicators
Condition
Status Signals
Status Register
Shutdown Register
LED’s
ACOK/H
PWOK/H
PSON
PWOK
Fan-Fail
AC-Loss
0-Temp
0-Current
Fail
AC
DC
Fail
Normal Operation
1
1
1
1
0
0
0
0
0
On
On
Off
V1 12 V Overcurrent
1
0
1
0
0
0
0
1
1
On
Off
On
AC Input Fail
0
0
1
0
0
1
0
0
1
Off
Off
Off
Fan Blocked or Running Under Speed.
O/P’s ok
1
1
1
1
0
0
0
0
0
On
On
Off
UV on V1 12 V and PS Has Latched Off
1
0
1
0
0
0
0
0
1
On
Off
On
UV on Vsb +5.0 and PS Has Turned Off
1
0
1
0
0
0
0
0
1
On
Off
On
OV on V1 12V or Vsb +5.0 & PS Has
Latched Off
1
0
1
0
0
0
0
0
1
On
Off
On
Over Temp and PS Has Turned Off
1
0
1
0
0
0
1
0
1
On
Off
On
Fan Below Shutdown Limit
1
0
1
0
1
0
0
0
1
On
Off
On
No Problems But PS is in Standby Mode
1
0
0
0
0
0
0
0
0
On
Off
Off



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com