Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RN42 Datasheet(PDF) 8 Page - Microchip Technology

Part # RN42
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RN42 Datasheet HTML 4Page - Microchip Technology RN42 Datasheet HTML 5Page - Microchip Technology RN42 Datasheet HTML 6Page - Microchip Technology RN42 Datasheet HTML 7Page - Microchip Technology RN42 Datasheet HTML 8Page - Microchip Technology RN42 Datasheet HTML 9Page - Microchip Technology RN42 Datasheet HTML 10Page - Microchip Technology RN42 Datasheet HTML 11Page - Microchip Technology RN42 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
RN42/RN42N
DS50002328A-page 8
 2015 Microchip Technology Inc.
FIGURE 2-2:
RN42N RECOMMENDED
PCB FOOTPRINT
FIGURE 2-3:
RN42 MODULE
MOUNTING DETAILS
FIGURE 2-4:
RN42N MODULE
MOUNTING DETAILS
0.70mm
0.80mm
2.00mm
0.0
0.7
2.8
4.0
5.2
6.4
7.6
8.8
10.0
11.2
12.4
13.6
14.8
16.0
19.7
Shield Pads
4 Corners
1.0 x 1.8mm
20.0
Do not locate vias
or surface traces
under Shield Pads
Top View
Dimensions are in millimeters
20.5mm
5.3mm
Top View
Keep area around antenna
(approximately 31 mm) clear
of metallic structures for
best performance
31mm
Edge of
Ground
Plane
31cm
Note:
Example U.FL connector layout
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com