Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASITPR175 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASITPR175
Description  NPN SILICON RF-MICROWAVE POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASITPR175 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASITPR175 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 20 mA
55
V
BVEBO
IE = 5.0 mA
3.5
V
hFE
VCE = 5.0 V
IC = 20 mA
10
---
PG
VSRW
ηηηη
C
VCE = 50 V
POUT = 175 W
f = 1090 MHz
8.0
9.0
40
00:1
dB
%
NPN SILICON RF-MICROWAVE POWER
TRANSISTOR
TPR175
DESCRIPTION:
The
ASI TPR175 is a common base
transistor Designed for pulsed systems
in the frequency band 1030-1090 MHz.
FEATURES:
• Common Base
• Internal Matching Network
• P
G = 8.0 dB at 175 W/1090 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
12.5 A
VCES
55 V
VEBO
3.5 V
PDISS
388 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
0.45 °C/W
PACKAGE STYLE
1 = Collector 2 = Base 3 = Emitter


Similar Part No. - ASITPR175

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASITP9383 ASI-ASITP9383 Datasheet
22Kb / 1P
NPN RF POWER TRANSISTOR
REV. A
ASITPV376 ASI-ASITPV376 Datasheet
67Kb / 2P
NPN SILICON RF POWER TRANSISTOR
ASITPV385 ASI-ASITPV385 Datasheet
22Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASITPV591 ASI-ASITPV591 Datasheet
23Kb / 2P
NPN SILICON RF POWER TRANSISTOR
ASITPV593 ASI-ASITPV593 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASITPR175

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MSC80917 ASI-MSC80917 Datasheet
78Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
logo
NTE Electronics
NTE359 NTE-NTE359 Datasheet
72Kb / 2P
Silicon NPN Transistor RF & Microwave Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Advanced Semiconductor
MRF5812 ASI-MRF5812 Datasheet
27Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
MS2608 ASI-MS2608 Datasheet
79Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
MSC1004M ASI-MSC1004M Datasheet
40Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com