Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP_SERIES Datasheet(PDF) 5 Page - Copal Electronics

Part # TP_SERIES
Description  Ultra-Miniature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TP_SERIES Datasheet(HTML) 5 Page - Copal Electronics

  TP_SERIES Datasheet HTML 1Page - Copal Electronics TP_SERIES Datasheet HTML 2Page - Copal Electronics TP_SERIES Datasheet HTML 3Page - Copal Electronics TP_SERIES Datasheet HTML 4Page - Copal Electronics TP_SERIES Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TP/TPL
■Optional Accessories
 
《Sold separately》
Color Button
(Illuminated)
Dimensions
(ABS)
Clear
140007480466
140007480467
Red Clear
140007480238
140007480276
Green Clear
140007480239
140007480277
Yellow clear
140007480240
140007480278
:Optional Accessories
■7HJRHNPUN :WLJPÄJH[PVUZ
 
Zipper Plastic Bag
50
■:VSKLYPUN :WLJPÄJH[PVUZ
⑴ Manual Soldering
   Device: Soldering iron
①380°
C, Max.; 3 seconds, Max.
⑵ Wave Soldering
   Device: Jet wave type or dip type
①245°
C; 3 seconds, Max.
・Pre-heating should be done at temperatures below 80°
C to
120
°
C and within 120 seconds.
・For TPL type, soldering should be done with the lock released.
■Switch Operation(TM/TR/LTM/LTR/TP/TPL Series)
⑴ Operating force should be 9.8 N or less.
⑵ Do not operate the switch right after soldering.
⑶ Do not solder the switch with the actuator pressed down.
■Flux Cleaning
⑴ Solvents : Fluorine or Alcohl type
⑵ The TP/TPL series are not washable. To wash the PC board,
clean the soldering surface of the PC board with a brush so
that the switch is not exposed to the cleaning solution.
⑶After soldering, wait until the temperature of the terminals
cool down to 90
℃ or below or until the parts are exposed
to room temperature for more than 5 min. before washing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com