Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSC2000IPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPWR
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2000IPWR Datasheet HTML 25Page - Texas Instruments TSC2000IPWR Datasheet HTML 26Page - Texas Instruments TSC2000IPWR Datasheet HTML 27Page - Texas Instruments TSC2000IPWR Datasheet HTML 28Page - Texas Instruments TSC2000IPWR Datasheet HTML 29Page - Texas Instruments TSC2000IPWR Datasheet HTML 30Page - Texas Instruments TSC2000IPWR Datasheet HTML 31Page - Texas Instruments TSC2000IPWR Datasheet HTML 32Page - Texas Instruments TSC2000IPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29
www.ti.com
TSC2000
SBAS257
FIGURE 18. Functional Block Diagram of Temperature Mea-
surement Mode.
FIGURE 19. Single Temperature Measurement Mode.
FIGURE 20. Additional Temperature Measurement for Differ-
ential Temperature Reading.
Host Writes
A/D Converter
Control Register
Start Clock
Temperature Input 2
Done
Yes
No
Is Data
Averaging Done
Store Temperature
Input 2 in TEMP2
Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Temperature Input 2
Issue Data Available
Power Down Reference
Turn Off Clock
Host Writes
A/D Converter
Control Register
Start Clock
Temperature Input 1
Done
Yes
No
Is Data
Averaging Done
Store Temperature
Input 1 in TEMP1
Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Temperature Input 1
Issue Data Available
Power Down Reference
Turn Off Clock
A/D
Converter
MUX
X+
Temperature Select
TEMP1
TEMP2
OPERATION—TEMPERATURE MEASUREMENT
In some applications, such as battery recharging, a measure-
ment of ambient temperature is required. The temperature
measurement technique used in the TSC2000 relies on the
characteristics of a semiconductor junction operating at a
fixed current level. The forward diode voltage (VBE) has a
well-defined characteristic versus temperature. The ambient
temperature can be predicted in applications by knowing the
25
°C value of the V
BE voltage and then monitoring the delta
of that voltage as the temperature changes.
The TSC2000 offers two modes of temperature measurement.
The first mode requires calibration at a known temperature, but
only requires a single reading to predict the ambient tempera-
ture. A diode, as shown in Figure 18, is used during this
measurement cycle. This voltage is typically 600mV at +25
°C
with a 20
µA current through it. The absolute value of this diode
voltage can vary a few millivolts; the temperature coefficient
(TC) of this voltage is very consistent at –2.1mV/
°C. During the
final test of the end product, the diode voltage would be stored
at a known room temperature, in system memory, for calibration
purposes by the user. The result is an equivalent temperature
measurement resolution of 0.3
°C/LSB. This measurement of
what is referred to as Temperature 1 is illustrated in Figure 19.
The second mode does not require a test temperature
calibration, but uses a two-measurement (differential) method
to eliminate the need for absolute temperature calibration
and for achieving 2
°C/LSB accuracy. This mode requires a
second conversion with a 91 times larger current. The
voltage difference between the first (TEMP1) and second
(TEMP2) conversion, using 91 times the bias current, will be
represented by kT/q •ln (N), where N is the current
ratio = 91, k = Boltzmann’s constant (1.38054 • 10-23 elec-
trons volts/degrees Kelvin), q = the electron charge (1.602189
• 10-19
°C), and T = the temperature in degrees Kelvin. This
method can provide much improved absolute temperature
measurement, but less resolution of 2
°C/LSB. The resultant
equation for solving for
°K is:
°=
K
qV
k ln(N)
(6)
where,
∆=
( ) ( ) (
)
∴° =
∆ °
°=
• ∆
( ) −°
VV I
V I
in mV
K
2.573 V K/mV
C
2.573
V mV
273 K
91
1
See Figure 20 for the Temperature 2 measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com