Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DML1007LDS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DML1007LDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1007LDS Datasheet(HTML) 3 Page - Diodes Incorporated

  DML1007LDS Datasheet HTML 1Page - Diodes Incorporated DML1007LDS Datasheet HTML 2Page - Diodes Incorporated DML1007LDS Datasheet HTML 3Page - Diodes Incorporated DML1007LDS Datasheet HTML 4Page - Diodes Incorporated DML1007LDS Datasheet HTML 5Page - Diodes Incorporated DML1007LDS Datasheet HTML 6Page - Diodes Incorporated DML1007LDS Datasheet HTML 7Page - Diodes Incorporated DML1007LDS Datasheet HTML 8Page - Diodes Incorporated DML1007LDS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DML1007LDS
Document number: DS38586 Rev. 2 - 2
3 of 10
www.diodes.com
August 2016
© Diodes Incorporated
DML1007LDS
Absolute Maximum Ratings
Parameter
Rating
IN, ON, VBIAS, OUT to GND
-0.3V to 6V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating HBM/CDM
2kV/1kV
Maximum Operating Ratings
Parameter
Rating
Supply Voltage (VIN)
VBIAS-1.5V
Ambient Temperature (TA)
-40°C to +85°C
Package Thermal Resistance (
θJC)
8°C/W
Package Thermal Resistance (
θJA)
60°C/W
Electrical Characteristics (TA = +25°C, VBIAS = 5V, VIN = 1.05V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
IN Supply Voltage
VON = 5V
0.8
1.05
VBIAS-1.5
V
VBIAS
VBIAS Supply Voltage
3.2
5
5.5
V
ID
Maximum Continuous Current
VON = 5V
6
A
IPLS
Maximum Pulsed Switch Current
VIN = VON = 5V
Pulse < 300μs, 2% Duty Cycle
12
A
IQ
Quiescent Supply Current of VBIAS
IOUT = 0V, VON = 5V
35
µA
IOFF
VBIAS Shutdown Supply Current
VON = 0V, VOUT = 0V
2
µA
IINOFF
IN Shutdown Supply Current
VON = 0V, VOUT = 0V
2
µA
ION
ON Leakage Current
VON = 5V
1
µA
VONH
ON High Level Voltage
1.2
V
VONL
ON Low Level Voltage
0.5
V
Switching ON Resistance
RON
Switch ON-State Resistance
IOUT = -200mA, VON = 5V, VBIAS = 5V
8
m
Ω
IOUT = -200mA, VON = 5V, VBIAS =
3.3V
10
m
Ω
RPD
Output Pull-Down Resistance
IOUT = 15mA, VON = 0V
200
Ω
Switching Characteristics
Test conditions: TA = +25°C, CIN = 1μF, CL = 0.1μF, RL = 10Ω (unless otherwise specified).
Symbol
Parameter
Min
Typ
Max
Unit
VIN = 1.5V, VBIAS = VON = 5V
tON
Turn-ON Time
200
µs
tD-ON
Turn-ON Delay Time
100
tR
Turn-ON Rise Time
150
tOFF
Turn-OFF Time
1
tF
Turn-OFF Fall Time
1
VIN = 1.05V, VBIAS = VON = 5V
tON
Turn-ON Time
200
µs
tD-ON
Turn-ON Delay Time
100
tR
Turn-ON Rise Time
150
tOFF
Turn-OFF Time
0.7
tF
Turn-OFF Fall Time
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com