Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE4955C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 3Page - Infineon Technologies AG TLE4955C Datasheet HTML 4Page - Infineon Technologies AG TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
7
Version1.0
2016-06-15
TLE4955C
Confidential
Operating Modes and States
Figure 4
Example for Startup Behavior and Transition from Uncalibrated into Calibrated Mode
2.2
Adaptive Hysteresis
The adaptive hysteresis is linked to the input signal. Therefore, the system is able to suppress switching if
vibration or noise signals are smaller than the adaptive hysteresis levels. The typical value for the hysteresis
level is 1/8 of the magnetic input signal amplitude, the minimum hysteresis level is ΔBspeed-limit (amplitude).
The visible hysteresis keeps the excellent performance in large pitch transmission application wheels .
Figure 5
Adaptive Hysteresis
∆Bspeed
DNC=(min1+ max1)/2
max1
min1
min2
DNC=( min2+max1)/2
Phase shift change
uncalibrated mode
vs . calibrated mode
Uncalibrated Speed Signal
with negative offset
Uncalibrated Speed Signal
with positive offset
Calibrated Speed Signal
Hysteresis high level
Hysteresis low level
Vibration Suppression
via Hysteresis
Vibration Suppression
via Direction Detection
DNC:
2xdBspeed-limit
t
t
ILow
IHigh
IDD
Input signal
Adaptive hysteresis
∆Bspeed
Hysteresis high level
Hysteresis low level
Input signal
Adaptive hysteresis
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com