Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2523 Datasheet(PDF) 6 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 6 Page - ams AG

Back Button AS2523 Datasheet HTML 2Page - ams AG AS2523 Datasheet HTML 3Page - ams AG AS2523 Datasheet HTML 4Page - ams AG AS2523 Datasheet HTML 5Page - ams AG AS2523 Datasheet HTML 6Page - ams AG AS2523 Datasheet HTML 7Page - ams AG AS2523 Datasheet HTML 8Page - ams AG AS2523 Datasheet HTML 9Page - ams AG AS2523 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.12, Preliminary
Page 6 of 19
0mV
~
100mV
RO
RECI
+3dB
+14dB
Voice
switching
speech
Gmax = -4dB … +16dB (Vol)
Gmin = -33dB
Offset
comp
Compress
Peak
detector
Cmicoffset
+23dB
CBckgnd
Compress
Peak
detector
Compress
Peak
detector
LINE
Gmax = +9dB
Gmin = -21dB … -40dB (Vol)
+9dB
RECV
FT1
CBN
+8dB
~
+17dB
TXO
TXV
Speech
Mode
Rx-gain
Tx-gain
Remark
Rx > Tx_atten
X
Receive
0db to -20dB
-50dB to -30dB
adjustable with VOL-setting
Tx_atten > Rx
NO
Idle
-25
-25
middle position
Tx_atten > Rx
YES
Transmit
-50dB
0dB
independent of VOL-setting
-50dB
-25dB
0dB
TX-mode
RX-mode
IDLE-mode
Vol min
Vol default
Vol max
TX-gain
RX-gain
-10dB
-20dB
-40dB
-30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com