Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IFX91041 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IFX91041
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX91041 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IFX91041_11 Datasheet HTML 4Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 5Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 6Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 7Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 8Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 9Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 10Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 11Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
8
Rev. 1.1, 2011-07-08
IFX91041
Buck Regulator
5.2
Electrical Characteristics
Electrical Characteristics: Buck Regulator
V
S = 6.0 V to 40 V, Tj = -40 °C to +125°C, all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
Min.
Typ.
Max.
5.2.1
Output voltage
V
FB
4.90
5.00
5.10
V
IFX91041EJV50;
V
VEN = VS
0.1A < ICC < 1.0A
5.2.2
V
FB
4.80
5.00
5.20
V
IFX91041EJV50;
V
VEN = VS;
1mA < ICC < 1.8A
5.2.3
Output voltage
V
FB
3.23
3.30
3.37
V
IFX91041EJV33;
V
VEN = VS;
0.1A < ICC < 1.0A
5.2.4
V
FB
3.17
3.30
3.43
V
IFX91041EJV33;
V
VEN = VS;
1mA < ICC < 1.8A
5.2.5
Output voltage
V
FB
0.588 0.60
0.612
V
IFX91041EJV;
V
VEN = VS;
FB connected to
V
CC;
V
S = 12V
0.1A <
I
CC < 1.0A
5.2.6
V
FB
0.576 0.60
0.624
V
IFX91041EJV;
V
VEN = VS;
FB connected to
V
CC;
V
S = 12V
1mA <
I
CC < 1.8A
5.2.7
Minimum output load requirement
I
CC,MIN
0
mA
IFX91041EJV501)
5.2.8
1
mA
IFX91041EJV331)
5.2.9
1.5
mA
IFX91041EJV
V
CC ?> 3V
1)
5.2.10
5
mA
IFX91041EJV
V
CC ?> 1.5V
1)
5.2.11
10
mA
IFX91041EJV
V
CC ?> =0.6V
1)
5.2.12
FB input current
I
FB
-1
-0.1
0
µA
IFX91041EJV
V
FB = 0.6V
5.2.13
FB input current
I
FB
900
µA
IFX91041EJV50,
IFX91041EJV33
5.2.14
Power stage on-resistance
R
on
––
500
m
Ω
tested at 300 mA
5.2.15
Current transition rise/fall time
t
r
–50
ns
I
CC=1 A
2)
5.2.16
Buck peak over current limit
I
BUOC
2.2
3.6
A
5.2.17
Bootstrap under voltage lockout,
turn-off threshold
V
BDS,off
V
BUO
+3.3
V
Bootstrap voltage
decreasing
5.2.18
Charge pump current
I
CP
2–
mA
V
S = 12V;
V
BUO = VBDS = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com