Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUX25 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX25
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX25 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX25 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX25 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUX25
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
500
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
0.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8A ;IB= 1.6A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A ;IB= 1.6A
1.5
V
ICEO
Collector Cutoff Current
VCE= 400V; IB= 0
3.0
mA
ICBO
Collector Cutoff Current
VCB= 500V; IE= 0
VCB=500V; IE= 0;TC=125℃
3.0
12.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 4A ; VCE= 4V
15
60
hFE-2
DC Current Gain
IC= 8A ; VCE= 4V
8
fT
Current-Gain—Bandwidth Product
IC= 2A; VCE= 15V, ftest= 10MHz
8
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com