Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM148 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148
Description  Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM148 Datasheet HTML 1Page - National Semiconductor (TI) LM148 Datasheet HTML 2Page - National Semiconductor (TI) LM148 Datasheet HTML 3Page - National Semiconductor (TI) LM148 Datasheet HTML 4Page - National Semiconductor (TI) LM148 Datasheet HTML 5Page - National Semiconductor (TI) LM148 Datasheet HTML 6Page - National Semiconductor (TI) LM148 Datasheet HTML 7Page - National Semiconductor (TI) LM148 Datasheet HTML 8Page - National Semiconductor (TI) LM148 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM148/LM248/LM348
Quad 741 Op Amps
General Description
The LM148 series is a true quad 741. It consists of four
independent, high gain, internally compensated, low power
operational amplifiers which have been designed to provide
functional characteristics identical to those of the familiar
741 operational amplifier. In addition the total supply current
for all four amplifiers is comparable to the supply current of a
single 741 type op amp. Other features include input offset
currents and input bias current which are much less than
those of a standard 741. Also, excellent isolation between
amplifiers has been achieved by independently biasing each
amplifier and using layout techniques which minimize ther-
mal coupling.
The LM148 can be used anywhere multiple 741 or 1558 type
amplifiers are being used and in applications where amplifier
matching or high packing density is required. For lower
power refer to LF444.
Features
n
741 op amp operating characteristics
n
Class AB output stage — no crossover distortion
n
Pin compatible with the LM124
n
Overload protection for inputs and outputs
n
Low supply current drain:
0.6 mA/Amplifier
n
Low input offset voltage:
1 mV
n
Low input offset current:
4 nA
n
Low input bias current
30 nA
n
High degree of isolation between amplifiers:
120 dB
n
Gain bandwidth product
n
LM148 (unity gain):
1.0 MHz
Schematic Diagram
00778601
* 1 pF in the LM149
November 2003
© 2003 National Semiconductor Corporation
DS007786
www.national.com


Similar Part No. - LM148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Texas Instruments
LM148 TI-LM148 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
LM148 TI1-LM148 Datasheet
766Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIERS
LM148 TI2-LM148 Datasheet
1Mb / 19P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED DECEMBER 2002
More results

Similar Description - LM148

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
Quad 741 Op Amps
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
Quad 741 Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
logo
Texas Instruments
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
LM148/LM248/LM348 Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
Quad 741 Op Amps
LM348-N TI-LM348-N Datasheet
1Mb / 22P
LM148/LM248/LM348 Quad 741 Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
Quad 741 Op Amps
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
Quad 741 Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com