Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSL Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # FSL
Description  High reliability - High voltage ??Long life
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

FSL Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  FSL Datasheet HTML 1Page - Illinois Capacitor, Inc. FSL Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High reliability - High voltage Long life
APPLICATIONS
Emergency lights Signal lights
Operating Temperature Range
-20°C to +70°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
360
450
Surge Voltage
SVDC
450
500
WVDC
360
450
Dissipation Factor
25°C, 120 Hz
tan δ
.07
.07
Time
5 Minutes
Leakage Current
@25°C, Rated WVDC applied
3√CV
1 million flashes at rated voltage applied & 45°C repeating every 30
seconds thru a Xe flash tube having a discharge resistance if 0.7~1.0Ω
Capacitance Change
<10% of initial measured value
Dissipation Factor
<150% of maximum specified value
Charge/ Discharge
Leakage Current
<200% of maximum specified value
500 hours at 70°C with no voltage applied
Capacitance Change
<10% initial measured value
Dissipation Factor
<150% of maximum specified value
Shelf Life
Leakage Current
<200% of maximum specified value
D
20
22
25
30
35
40
α
0.5
0.5
1.0
1.0
1.0
1.0
LL+2
11
11
11
11
11
11
S +1
8
10
10
10
10
12.5
W
2.6
2.6
3.0
3.0
3.0
3.0
D1= D+ α
L1= L+ 2


Similar Part No. - FSL

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
123Kb / 1P
Fiber Loop Modules
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
52Kb / 1P
Network Repeater
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
FSL-ZB-SNF ETC2-FSL-ZB-SNF Datasheet
21Kb / 2P
FSL-ZB-SNF Information
logo
Nihon Inter Electronics...
FSL05A015 NIEC-FSL05A015 Datasheet
57Kb / 6P
Schottky Barrier Diode
More results

Similar Description - FSL

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
High reliability and Very long operating life
logo
FSP TECHNOLOGY INC.
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
High Efficiency & Long Life
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
High Efficiency & Long Life
FSP045-1SZ24-12 FSP-FSP045-1SZ24-12 Datasheet
147Kb / 1P
High Efficiency & Long Life
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
High temperature - High voltage ??Long Life (10k Hrs)
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
High Temperature - High Voltage ??Long Life
logo
Nichicon corporation
PCV NICHICON-PCV Datasheet
1Mb / 3P
Chip Type, High Voltage / Long Life
PCX NICHICON-PCX Datasheet
1Mb / 2P
Chip Type, High Voltage / Long Life
logo
SunLED Corporation
XLCBD111W SUNLED-XLCBD111W Datasheet
180Kb / 3P
LONG LIFE - SOLID STATE RELIABILITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com