Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUL903ED Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL903ED
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL903ED Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL903ED Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL903ED Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUL903ED
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 10 mA
Ib=0
400
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1 A
IB = 0.15 A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 0.1 A;IB = 0.05 A
IC = 0.5 A;IB = 0.1 A
IC = 2.0 A;IB = 0.4 A
1.0
1.1
1.2
V
ICES
Collector Cutoff Current
VCE = 900 V
1
mA
IEBO
Emitter Cutoff Current
VEB = 7 V
100
µA
hFE
DC Current Gain
IC = 5 mA;VCE = 10 V
IC = 0.5 A;VCE = 3 V
8
20
tf
Fall Time
VCC= 125 V;IC = 0.5 A
IB1 = 0.045 A;IB2 = 0.5 A
tp = 300 µs
0.5
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com