Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS9746 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # DS9746
Description  VBUS OVP with a PTVS Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

DS9746 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  DS9746 Datasheet HTML 1Page - Richtek Technology Corporation DS9746 Datasheet HTML 2Page - Richtek Technology Corporation DS9746 Datasheet HTML 3Page - Richtek Technology Corporation DS9746 Datasheet HTML 4Page - Richtek Technology Corporation DS9746 Datasheet HTML 5Page - Richtek Technology Corporation DS9746 Datasheet HTML 6Page - Richtek Technology Corporation DS9746 Datasheet HTML 7Page - Richtek Technology Corporation DS9746 Datasheet HTML 8Page - Richtek Technology Corporation DS9746 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9746
3
DS9746-00 March 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings (Note 1)
VIN, OVPFB ----------------------------------------------------------------------------------------------------------------
−0.3V to 28V
VOUT -------------------------------------------------------------------------------------------------------------------------
−0.3V to 15V
System Level with Air Discharger, VIN, GND -----------------------------------------------------------------------
±15kV
System Level with Contact Discharger, VIN, GND -----------------------------------------------------------------
±8kV
All Other Inputs ------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-12B 1.92x1.27 (BSC) ---------------------------------------------------------------------------------------- 1.67W
Package Thermal Resistance (Note 2)
WL-CSP-12B 1.92x1.27 (BSC),
θJA ---------------------------------------------------------------------------------- 59.6°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
CDM (Charged Device Model) ------------------------------------------------------------------------------------------ 2kV
Surge (VIN) ----------------------------------------------------------------------------------------------------------------- 100V
Recommended Operating Conditions
(Note 4)
USB Supply Input Voltage, VIN ---------------------------------------------------------------------------------------- 3V to 6.7V
I/O Supply Voltage (VDDIO) ---------------------------------------------------------------------------------------------- 1.8V to 3.6V
VOUT Capacitors ---------------------------------------------------------------------------------------------------------- 1
μF to 10μF
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
TYP
Max
Unit
DC Characteristics
Input Clamp Voltage
VIN_CLAMP
IIN = 10mA, TA = 25°C
--
31
--
V
VIN Supply Current
IVBUS_S
VBUS = 5V, IOUT = 0mA
--
130
180
A
VIN POR Threshold
Only for VOUT
VPOR
Rising
2.5
2.7
2.9
V
VBUS POR Hysteresis
Only for VOUT
VPOR_Hys
Falling
--
100
--
mV
Deglitch Time of POR
Only for VOUT
tPOR
by EFUSE setting
(16/32/64/128ms)
--
32
--
ms
OVP Threshold Voltage
VOVP
Rising
RT9746
6.6
6.8
7
V
RT9746A
11.15
11.5
11.85
RT9746B
14
14.5
15
RT9746C
6
6.2
6.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com