Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC1602-G Datasheet(PDF) 1 Page - Powertip Technology

Part # PC1602-G
Description  POWERTIP DISPL DEVICES FOR BET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC1602-G Datasheet(HTML) 1 Page - Powertip Technology

  PC1602-G Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
80.0 x 36.0
64.0 x 13.8
0.55 x 0.50
0.60 x 0.55
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
5.0 / 9.6
5.0 / 9.6
9.0 / 13.6
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
7.1
4.5
4.1
Vdd=5V
3.8
5.7
6.1
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
5.1
4.7
4.4
7.9
6.7
6.3
V
V
V
V
V
mA
mA
mA
3
N W
7.5
4.8
4.4
4.1
6
6.4
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
Enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
2
40
120
Power supply voltage
Vdd-Vss
25oC
2.7
5.5
V
PC 1602-G
PC 1602-G
3.65
2.95
0.55
0.05
DB7
DB0
E
R/W
RS
Vss
Vdd
Vo
A
K
LCD
CONTROLLER
LSI
LCD PANEL
COM 16
BACKLIGHT
SEG 40
CONTROL SIGNALS 4
SEG 40
SEGMENT DRIVER
HOLE 4- 5.0
H1
H2
1.6
39.45
4- 1.0
4.7
3.6
57.7
64.5
73.0
80.0 0.5
A
K
1.5
1.8
8.0
2.5
14- 1.0
P2.54 x 13=33.02
14
75.0
1


Similar Part No. - PC1602-G

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1602-E POWERTIP-PC1602-E Datasheet
74Kb / 1P
PC1602-E
PC1602-H POWERTIP-PC1602-H Datasheet
178Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-J POWERTIP-PC1602-J Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-K-Y4 POWERTIP-PC1602-K-Y4 Datasheet
66Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-L POWERTIP-PC1602-L Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PC1602-G

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PE10264-001 POWERTIP-PE10264-001 Datasheet
542Kb / 1P
POWERTIP
PE12864-001 POWERTIP-PE12864-001 Datasheet
526Kb / 1P
POWERTIP
PE1601-001 POWERTIP-PE1601-001 Datasheet
601Kb / 1P
POWERTIP
PE160160-001-P1 POWERTIP-PE160160-001-P1 Datasheet
768Kb / 1P
POWERTIP
PE160160-001-P2 POWERTIP-PE160160-001-P2 Datasheet
873Kb / 1P
POWERTIP
PE160240-001 POWERTIP-PE160240-001 Datasheet
821Kb / 1P
POWERTIP
PE9664-001 POWERTIP-PE9664-001 Datasheet
220Kb / 1P
POWERTIP
PG24064-I POWERTIP-PG24064-I Datasheet
657Kb / 1P
POWERTIP
PG24064-M POWERTIP-PG24064-M Datasheet
548Kb / 1P
POWERTIP
PH320240-A POWERTIP-PH320240-A Datasheet
606Kb / 1P
POWERTIP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com