Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E1441A Datasheet(PDF) 2 Page - Keysight Technologies

Part # E1441A
Description  Arbitrary Waveform Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1441A Datasheet(HTML) 2 Page - Keysight Technologies

  E1441A Datasheet HTML 1Page - Keysight Technologies E1441A Datasheet HTML 2Page - Keysight Technologies E1441A Datasheet HTML 3Page - Keysight Technologies E1441A Datasheet HTML 4Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Frequency Characteristics
Sine:
100
µHz - 15 MHz
Square:
100
µHz - 15 MHz
Triangle:
100
µHz - 100 kHz
Ramp:
100
µHz - 100 kHz
Noise (Gaussian):
10 MHz bw
Waveforms (points):
8 to 8,192:
100
µHz - 5 MHz
8,193 to 12,287:
100
µHz - 2.5 MHz
12,288 to 16,000:
100
µHz - 200 kHz
10
µHz or 10 digits
Resolution accuracy (18 to 28° C):
90 days:
10 ppm
1 year:
20 ppm
Temperature coefficient:
<2 ppm/°C
Aging:
<10 ppm/yr
Sinewave Spectral Purity
Harmonic distortion:
dc to 20 kHz:
<–70 dBc
20 kHz to 100 kHz:
<–60 dBc
100 kHz to 1 MHz:
<–45 dBc
1 MHz to 15 MHz:
<–35 dBc
Total harmonic distortion:
dc to 20 kHz:
<0.04%
Spurious (non-harmonic):
Output (dc to 1 MHz):
<–65 dBc
Output (
>1 MHz):
<–65 dBc + 6dB/octave
Phase noise:
<–52 dBc in a 30 kHz band
Signal Specifications
Square wave:
Rise/fall time:
<20 ns
Overshoot:
<4%
Asymmetry:
<1% + 5 ns
Duty cycle:
20% to 80% (to 5 MHz), 40% to 60% (to
15 MHz)
Triangle, ramp, arbitrary:
Rise/fall time:
<100 ns (typical)
Linearity:
<0.1% of peak output
Settling time:
<250 ns to 0.5% of final value
Jitter:
<25 ns
Output Characteristics
Note: Add 1/10th of output amplitude and offset specification per ° C for operation
outside of 18° C to 28° C range.
Amplitude (into 50
Ω):
50 mVp-p to 10 Vp-p,100 mVp-p to 20
Vp-p into open-circuit load
Accuracy (at 1 kHz):
± 1% of specified output
Flatness (sine wave relative to 1
kHz):
<100 kHz:
± 1% (0.1 dB)
100 kHz to 1 MHz:
± 1.5% (0.15 dB)
1 MHz to 15 MHz:
± 2% (0.2 dB)
Offset (into 50
Ω):
(Note: Offset
≤2X peak-to-peak
amplitude)
± 5 Vpk ac + dc
Accuracy (For square wave outputs,
add 2% of output amplitude additional
error):
± 2% of setting + 2 mV
Output impedance:
50
Ω fixed
Resolution:
3 digits, amplitude and offset
Output units:
Vp-p, Vrms, dBm
Isolation:
42 Vpk maximum to earth
Protection:
Short-circuit protection, ± 15 Vpk
overdrive
<1 minute
Product Specifications
Waveforms
Built-in waveforms:
Sine, square, triangle, ramp, noise,
DCV, sine(x)/x, negative ramp,
exponential rise, exponential fall,
cardiac
Arbitrary waveform:
Length:
8 to 16,000 points
Resolution:
12 bits (including sign)
Sample rate:
40 MSa/s
Non-volatile memory:
Four (4) 16k waveforms
AM modulation:
Carrier (3 dB frequency):
15 MHz (typical)
Modulation:
Any internal waveform plus arbitrary
Frequency:
10 mHz to 20 kHz (± 0.05% to 2.5 kHz,
then decreases linearly to ± 0.4% at
upper limit)
FM modulation:
Modulation:
Any internal waveform plus arbitrary
Frequency:
10 mHz to 10 kHz (± 0.05% to 600 Hz,
then decreases linearly to ± 0.8% at
upper limit)
Peak deviation:
10 mHz to 15 MHz
Source:
Internal only
Burst modulation:
Carrier frequency:
5 MHz max.
Count:
1 to 50,000 cycles, or infinite
Start phase:
–360° to + 360°
Internal rate:
10 mHz to 50 kHz ± 1%
Gate source:
Internal or external gate
Trigger source:
Single, external, or internal rate
FSK modulation:
Frequency range:
10 mHz to 15 MHz (± 0.05% to 600 Hz,
then decreases linearly to ± 4% at
upper limit)
Internal rate:
10 mHz to 50 kHz
Source:
Internal/external (1 MHz max.)
Internal rate:
10 mHz to 50 kHz ± 1%
Modulation Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com