Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M9331A Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9331A
Description  Arbitrary Waveform Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9331A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9331A Datasheet HTML 2Page - Keysight Technologies M9331A Datasheet HTML 3Page - Keysight Technologies M9331A Datasheet HTML 4Page - Keysight Technologies M9331A Datasheet HTML 5Page - Keysight Technologies M9331A Datasheet HTML 6Page - Keysight Technologies M9331A Datasheet HTML 7Page - Keysight Technologies M9331A Datasheet HTML 8Page - Keysight Technologies M9331A Datasheet HTML 9Page - Keysight Technologies M9331A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
06 Keysight M9331A Arbitrary Waveform Generator Brochure
Channels
Two independent channels available as baseband or IF outputs
CH1: Single-ended and differential
CH2: Single-ended and differential
Modulation bandwidth
500 MHz per channel (1 GHz IQ bandwidth)
Resolution
10 bits (1/1024 levels)
Output spectral purity – (CH1 and CH2)
Harmonic distortion:
• ≤ –50 dBc for each channel DC to 500 MHz
Non-Harmonic spurious:
• ≤ –75 dBc for each channel 1 kHz to 500 MHz
• Noise floor: ≤ –150 dBc/Hz across the channel band width
KEY CHARACTERISTICS
Figure 10. Excellent harmonic and spurious performance are available across the full
bandwidth of each channel.
Figure 11. Spurious performance outstanding at low signal frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com