Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBT35200 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBT35200
Description  High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT35200 Datasheet(HTML) 2 Page - ON Semiconductor

  MBT35200 Datasheet HTML 1Page - ON Semiconductor MBT35200 Datasheet HTML 2Page - ON Semiconductor MBT35200 Datasheet HTML 3Page - ON Semiconductor MBT35200 Datasheet HTML 4Page - ON Semiconductor MBT35200 Datasheet HTML 5Page - ON Semiconductor MBT35200 Datasheet HTML 6Page - ON Semiconductor MBT35200 Datasheet HTML 7Page - ON Semiconductor MBT35200 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBT35200MT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mAdc, IB = 0)
V(BR)CEO
–35
–45
—
Vdc
Collector–Base Breakdown Voltage
(IC = –0.1 mAdc, IE = 0)
V(BR)CBO
–55
–65
—
Vdc
Emitter–Base Breakdown Voltage
(IE = –0.1 mAdc, IC = 0)
V(BR)EBO
–5.0
–7.0
—
Vdc
Collector Cutoff Current
(VCB = –35 Vdc, IE = 0)
ICBO
—
–0.03
–0.1
mAdc
Collector–Emitter Cutoff Current
(VCES = –35 Vdc)
ICES
—
–0.03
–0.1
mAdc
Emitter Cutoff Current
(VEB = –4.0 Vdc)
IEBO
—
–0.01
–0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (1)
(IC = –1.0 A, VCE = –1.5 V)
(IC = –1.5 A, VCE = –1.5 V)
(IC = –2.0 A, VCE = –3.0 V)
hFE
100
100
100
200
200
200
—
400
—
Collector–Emitter Saturation Voltage (Note 4.)
(IC = –0.8 A, IB = –0.008 A)
(IC = –1.2 A, IB = –0.012 A)
(IC = –2.0 A, IB = –0.02 A)
VCE(sat)
—
—
—
–0.125
–0.175
–0.260
–0.15
–0.20
–0.31
V
Base–Emitter Saturation Voltage (Note 4.)
(IC = –1.2 A, IB = –0.012 A)
VBE(sat)
—
–0.68
–0.85
V
Base–Emitter Turn–on Voltage (Note 4.)
(IC = –2.0 A, VCE = –3.0 V)
VBE(on)
—
–0.81
–0.875
V
Cutoff Frequency
(IC = –100 mA, VCE = –5.0 V, f = 100 MHz)
fT
100
—
—
MHz
Input Capacitance (VEB = –0.5 V, f = 1.0 MHz)
Cibo
—
600
650
pF
Output Capacitance (VCB = –3.0 V, f = 1.0 MHz)
Cobo
—
85
100
pF
Turn–on Time (VCC = –10 V, IB1 = –100 mA, IC = –1 A, RL = 3 W)
ton
—
35
—
nS
Turn–off Time (VCC = –10 V, IB1 = IB2 = –100 mA, IC = 1 A, RL = 3 W)
toff
—
225
—
nS
4. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com