Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PTR016V0090 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PTR016V0090
Description  16 Volt DC Radial Leaded, PolyTron??PTC Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTR016V0090 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PTR016V0090 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTR016V0090 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTR016V0090 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTR016V0090 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.001
0.01
0.1
1
10
100
1000
1
10
100
Fault Cu rrent (A )
A:PTR016V0090
B:PTR016V0110
C:PTR016V0135
D:PTR016V0160
E:PTR016V0185
F:PTR016V0250
A
C
D
E
F
B
1011
BU-SB111164
Page 2 of 4
Data Sheet 4399
Style 2
Style 1
Dimensions - mm
B Max
Figure/
Lead Type
Lead Style
Part
A
Straight Kink
D
E
Straight
Kink
Number
Max.
(-TR)
(-TR1)
C
Min.
Max.
F
TR
TR1
PTR016V0090
7.4
12.2
12.2
5.0±0.8
7.6
3.1
0.5±0.02
2
1
PTR016V0110
7.4
14.2
14.2
5.0±0.8
7.6
3.1
0.5±0.02
2
1
PTR016V0135
8.9
13.5
13.5
5.0±0.8
7.6
3.1
0.5±0.02
2
1
PTR016V0160
8.9
15.2
15.2
5.0±0.8
7.6
3.1
0.5±0.02
2
1
PTR016V0185
10.2
15.7
15.7
5.0±0.8
7.6
3.1
0.5±0.02
2
1
PTR016V0250
11.4
18.3
20.5
5.0±0.8
7.6
3.1
0.5±0.02
2
1
PTR016V0300
7.1
11.0
14.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V0400
8.9
12.8
14.8
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V0500
10.4
14.3
16.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V0600
10.7
17.1
19.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V0700
11.2
19.7
22.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V0800
12.7
20.9
23.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V0900
14.0
21.9
24.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V1000
16.5
25.2
28.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V1100
17.5
26.0
29.0
5.0±0.8
7.6
3.1
0.8±0.02
2
1
PTR016V1200
17.5
28.0
31.0
10.0±0.8
7.6
3.1
1.0±0.02
2
1
PTR016V1300
21.6
29.2
32.0
10.0±0.8
7.6
3.1
1.0±0.02
2
1
PTR016V1400
23.5
27.9
30.0
10.0±0.8
7.6
3.1
1.0±0.02
2
1
PTR016V1500
25.1
29.0
32.0
10.0±0.8
7.6
3.1
1.0±0.02
2
1
Time-to-Trip Curves at 23°C - 0.9-2.5A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com