Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PL123-09HOC-R Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # PL123-09HOC-R
Description  Low Skew Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-09HOC-R Datasheet(HTML) 8 Page - Micrel Semiconductor

  PL123-09HOC-R Datasheet HTML 1Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 2Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 3Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 4Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 5Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 6Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 7Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 8Page - Micrel Semiconductor PL123-09HOC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PL123-05/-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/22/13
Page 8
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
SOP 8L
Symbol
Dimension in MM
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
C
L
A
SOP-16L and TSSOP-16L ( mm )
SOP
TSSOP
Symbol
Min.
Max.
Min.
Max.
A
1.35
1.75
-
1.20
A1
0.10
0.25
0.05
0.15
B
0.33
0.51
0.19
0.30
C
0.19
0.25
0.09
0.20
D
9.80
10.00
4.90
5.10
E
3.80
4.00
4.30
4.50
H
5.80
6.20
6.40 BSC
L
0.40
1.27
0.45
0.75
e
1.27 BSC
0.65 BSC
E
H
D
A1
e
B
C
L
A2
E
H
D
A1
e
B
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com