Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC4050 Datasheet(PDF) 5 Page - Exar Corporation

Part # CLC4050
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4050 Datasheet(HTML) 5 Page - Exar Corporation

  CLC4050 Datasheet HTML 1Page - Exar Corporation CLC4050 Datasheet HTML 2Page - Exar Corporation CLC4050 Datasheet HTML 3Page - Exar Corporation CLC4050 Datasheet HTML 4Page - Exar Corporation CLC4050 Datasheet HTML 5Page - Exar Corporation CLC4050 Datasheet HTML 6Page - Exar Corporation CLC4050 Datasheet HTML 7Page - Exar Corporation CLC4050 Datasheet HTML 8Page - Exar Corporation CLC4050 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
©2009-2013 Exar Corporation
5/17
Rev 1D
Electrical Characteristics continued
TA = 25°C (if bold, TA = -40 to +85°C), Vs = +5V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise
noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Output Voltage Swing, Low (1)
+VS = 5V, RL = 10kΩ
5
20
mV
30
mV
ISOURCE
Output Current, Sourcing (1)
VIN+ = 1V, VIN- = 0V, +VS = 15V, VOUT = 2V
20
40
mA
20
ISINK
Output Current, Sinking (1)
VIN+ = 0V, VIN- = 1V, +VS = 15V, VOUT = 2V
10
15
mA
5
VIN+ = 0V, VIN- = 1V, +VS = 15V, VOUT = 0.2V
12
50
μA
ISC
Short Circuit Output Current (1)
+VS = 15V
40
60
mA
Notes:
1. 100% tested at 25°C. (Limits over the full temperature range are guaranteed by design.)
2. The input common mode voltage of either input signal voltage should be kept > 0.3V at 25°C. The upper end of the common-mode voltage range is +VS - 1.5V at
25°C, but either or both inputs can go to +36V without damages, independent of the magnitude of VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com