Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV321 Datasheet(PDF) 1 Page - Exar Corporation

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LMV321 Datasheet(HTML) 1 Page - Exar Corporation

  LMV321 Datasheet HTML 1Page - Exar Corporation LMV321 Datasheet HTML 2Page - Exar Corporation LMV321 Datasheet HTML 3Page - Exar Corporation LMV321 Datasheet HTML 4Page - Exar Corporation LMV321 Datasheet HTML 5Page - Exar Corporation LMV321 Datasheet HTML 6Page - Exar Corporation LMV321 Datasheet HTML 7Page - Exar Corporation LMV321 Datasheet HTML 8Page - Exar Corporation LMV321 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
LMV321
General Purpose, Rail-to-Rail Output Amplifier
Rail-to-Rail Amplifiers
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
130μA supply current
n
1MHz gain bandwidth
n
Input voltage range with 5V supply:
-0.2V to 4.2V
n
Output voltage range with 5V supply:
0.065V to 4.99V
n
>1V/μs slew rate
n
No crossover distortion
n
Fully specified at 2.7V and 5V supplies
n
LMV321: Pb-free TSOT-5
APPLICATION S
n
Portable/battery-powered applications
n
Mobile communications, cell phones,
pagers
n
ADC buffer
n
Active filters
n
Portable test instruments
n
Signal conditioning
n
Medical Equipment
n
Portable medical instrumentation
General Description
The LMV321 is a single channel, low cost, voltage feedback amplifier. The
LMV321 consumes only 130μA of supply current and is designed to operate
from a supply range of 2.7V to 5.5V (±1.35 to ±2.75). The input voltage
range extends 200mV below the negative rail and 800mV below the positive
rail.
The LMV321 is fabricated on a CMOS process. It offers 1MHz gain bandwidth
product and >1V/μs slew rate. The combination of low power, low supply
voltage operation, and rail-to-rail performance make the LMV321 well suited
for battery-powered systems. The LMV321 is packaged in the space saving
TSOT-5 package. TSOT-5 package is pin compatible with the SOT23-5
package.
Typical Performance Examples
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
LMV321IST5X
TSOT-5
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.















 



















Ω
Vin = 1Vpp
Vout vs. Vcm
Slew Rate vs. Supply Voltage


Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
Exar Corporation
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com