Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCS3142 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 21Page - Microchip Technology MCS3142_14 Datasheet HTML 22Page - Microchip Technology MCS3142_14 Datasheet HTML 23Page - Microchip Technology MCS3142_14 Datasheet HTML 24Page - Microchip Technology MCS3142_14 Datasheet HTML 25Page - Microchip Technology MCS3142_14 Datasheet HTML 26Page - Microchip Technology MCS3142_14 Datasheet HTML 27Page - Microchip Technology MCS3142_14 Datasheet HTML 28Page - Microchip Technology MCS3142_14 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 25
MCS3142
7.0
DEVICE OPERATION
7.1
LED Operation
The LED pin will be driven low periodically while
MCS3142 is transmitting data. This output is designed
to drive an external LED with an appropriate
current-limiting resistor. The duty cycle varies between
normal operation and a low battery condition (see
Figure 7-1). Refer to Section 5.4 “Battery Level and
Low Battery Flag” for details on low battery
conditions.
FIGURE 7-1:
LED OPERATION
7.2
Button Configuration
MCS3142 allows all combinations of the four buttons to
be individually assigned to an encoder. Each
combination can also be assigned to transmit either a
typical code word or a seed word for the assigned
encoder. This gives complete flexibility to the system
designer.
The button configuration is stored as two 16-bit words.
Each bit in a Configuration Word represents one
particular combination of active/inactive states of the
buttons. The bit is determined by taking the four
switches as one 4-bit value, with S0 being Least
Significant, followed by S1, S2 and S3. For example,
the Configuration bit corresponding to S1 and S2 active
(or binary ‘1’) and S0 and S3 inactive (or binary ‘0’) is
given by
. Configuration
bit zero is considered “do not care” as it represents all
buttons in their inactive state, which is a special
condition for the encoder.
One Configuration Word controls the encoder
assignment, with a ‘0’ representing the Classic KEELOQ
encoder and a ‘1’ representing the Ultimate KEELOQ
encoder. The second word controls transmission type,
with ‘0’ representing a typical transmission and ‘1’
representing a seed transmission. Because the
MCS3142 memory is byte-oriented, each 16-bit
Configuration Word is stored as two 8-bit bytes in “little
endian” order. See Table 3-19 for encoder assignment
and Table 3-20 for seed assignment.
Table 7-1 may assist in calculating configuration values
by iterating all button state combinations in the order in
which they correspond to Configuration bits. In this
worksheet, each column represents a specific set of
states of the buttons, which in turn represents one bit in
the Configuration Word. A stated button, for example
S0 or S1, represents that button in its active state. A
hyphen in place of a switch label represents that switch
in its inactive state. Once all states have been assigned
an encoder and a transmission type, the result can be
examined as a 16-bit binary number and transcribed
into the configuration values.
Rev. 20-000012A
9/25/2013
S[3210]
VDD > VLOW
LED
VDD < VLOW
LED
TLEDON
TLEDOFF
TLEDON = 200 ms
TLEDOFF = 800 ms
TLEDOFF
TLEDON
TLEDON = 200 ms
TLEDOFF = 200 ms
S3S2S1S0

0110

2
6
==
BTN
CFG
___
___
___
___
___
___
___
___
___
___
___
___
___
___
___
___
=
Button Configuration Byte 1
Button Configuration Byte 0
LSb
* 0 = Classic KeeLoq, 1 = Ultimate KeeLoq
Seed
CFG
___
___
___
___
___
___
___
___
___
___
___
___
___
___
___
___
=
Seed Button Configuration Byte 1
Seed Button Configuration Byte 0
LSb
* 0 = Typical transmission, 1 = Seed transmission
TABLE 7-1:
BUTTON CONFIGURATION WORKSHEET
S0
S0
S0
S0
S0
S0
S0
S0
S1
S1
S1
S1
S1
S1
S1
S1
S2
S2
S2
S2
S2
S2
S2
S2
S3
S3
S3
S3
S3
S3
S3
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com