Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2111B Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2111B
Description  High-Performance, Multi-Mode, Step-Down Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111B Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2111B Datasheet HTML 3Page - Micrel Semiconductor MIC2111B Datasheet HTML 4Page - Micrel Semiconductor MIC2111B Datasheet HTML 5Page - Micrel Semiconductor MIC2111B Datasheet HTML 6Page - Micrel Semiconductor MIC2111B Datasheet HTML 7Page - Micrel Semiconductor MIC2111B Datasheet HTML 8Page - Micrel Semiconductor MIC2111B Datasheet HTML 9Page - Micrel Semiconductor MIC2111B Datasheet HTML 10Page - Micrel Semiconductor MIC2111B Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
7
Revision 2.1
Electrical Characteristics
(4) (Continued)
VCC = 5V; TA = 25°C, unless noted. Bold values indicate −
40°C ≤ TJ ≤ +125°C
Parameter
Condition
Min.
Typ.
Max.
Units
FAULTb
FAULTb Threshold Voltage
FAULTb rising
2
3.1
V
FAULTb Hysteresis
1.1
V
FAULTb Low Voltage
ILOAD =
500μA
10
50
mV
FAULTb Leakage Current
1
µA
OVP
OVP Threshold Voltage
OVP rising
0.585
0.6
0.615
V
OVP Hysteresis
20
mV
Thermal Shutdown
TJThreshold Voltage
TJJ rising
0.585
0.6
0.615
V
TJ Hysteresis
50
mV
Internal Thermal Shutdown
Temperature rising
155
°C
Internal Thermal Shutdown
Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com