Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRP9710 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRP9710
Description  Dual 6A Programmable Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP9710 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRP9710 Datasheet HTML 5Page - Exar Corporation XRP9710 Datasheet HTML 6Page - Exar Corporation XRP9710 Datasheet HTML 7Page - Exar Corporation XRP9710 Datasheet HTML 8Page - Exar Corporation XRP9710 Datasheet HTML 9Page - Exar Corporation XRP9710 Datasheet HTML 10Page - Exar Corporation XRP9710 Datasheet HTML 11Page - Exar Corporation XRP9710 Datasheet HTML 12Page - Exar Corporation XRP9710 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
XRP9710 and XRP9711
Dual 6A Programmable Power Module
© 2014 Exar Corporation
9/36
Rev. 1.0.1
BLOCK DIAGRAMS
BST3
GPIO 0-1
Channel 3
GH3
VCC
GL3
LX3
PGND3
LDO5
Hybrid
DPWM
Digital
PID
Feedback
ADC
VREF
DAC
PreScaler
1/2/4
SS & PD
Current
ADC
Dead
Time
Gate
Driver
VOUT3+
MUX
Vout3
Vout4
Vtj
5V LDO
GPIO
I2C
SDA,SCL
NVM
(FLASH)
CLOCK
PWR
Good
Configuration
Registers
Fault
Handling
OTP
UVLO
OCP
OVP
LOGIC
PSIO 0-2
PSIO
ENABLE
Channel 4
Sequencing
Internal
POR
VCC
4uA
+
+
PVIN
PVOUT3
VOUT3-
VOUT4+
VOUT4-
Figure 3 XRP9710 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com