Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2005 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2005
Description  LM2005 20 Watt Automotive Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2005 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2005 Datasheet HTML 1Page - National Semiconductor (TI) LM2005 Datasheet HTML 2Page - National Semiconductor (TI) LM2005 Datasheet HTML 3Page - National Semiconductor (TI) LM2005 Datasheet HTML 4Page - National Semiconductor (TI) LM2005 Datasheet HTML 5Page - National Semiconductor (TI) LM2005 Datasheet HTML 6Page - National Semiconductor (TI) LM2005 Datasheet HTML 7Page - National Semiconductor (TI) LM2005 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH5129
April 1989
LM2005 20 Watt Automotive Power Amplifier
General Description
The LM2005 is a dual high power amplifier designed to
deliver optimum performance and reliability for automotive
applications High current capability (35A) enables the de-
vice to deliver 10Wchannel into 2X (LM2005T-S) or 20W
bridged monaural (LM2005T-M) into 4X with low distortion
Features
Y
Wide supply range (8V – 18V)
Y
Externally programmable gain
Y
With or without bootstrap
Y
Low distortion
Y
Low noise
Y
High peak current capability
Y
POe20W bridge
Y
High voltage protection
Y
AC and DC output short circuit protection to ground or
across load
Y
Thermal protection
Y
Inductive load protection
Y
Accidental open ground protection
Y
Immunity to 40V power supply transients
Y
3 CW device dissipation
Y
Pin for pin compatible with TDA2005
Connection Diagram
Plastic Package
TLH5129 – 1
Order Number LM2005T-S
or LM2005T-M
See NS Package Number TA11A
Typical Application
TLH5129 – 2
FIGURE 1 20W Bridge Amplifier Application and Test Circuit
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2005 TI-LM2005 Datasheet
2Mb / 32P
LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057AD LIGHTKEY-LM20057AD Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20057AG LIGHTKEY-LM20057AG Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LM2005

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
20 Watt TWT Amplifier
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
20 Watt TWT Amplifier
logo
Stealth Microwave, Inc.
SM002010-44LD STEALTH_MICROWAVE-SM002010-44LD Datasheet
406Kb / 4P
20-1000MHz 25 Watt Power Amplifier
SM002052-50LD STEALTH_MICROWAVE-SM002052-50LD Datasheet
393Kb / 4P
20-520MHz 100 Watt Power Amplifier
SM3338-43 STEALTH_MICROWAVE-SM3338-43 Datasheet
182Kb / 5P
3300-3800 MHz 20 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
3400-3700 MHz 20 Watt Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
3400-3700 MHz 20 Watt Linear Power Amplifier
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
5900-6400 MHz 20 Watt Power Amplifier
SM7985-43 STEALTH_MICROWAVE-SM7985-43 Datasheet
121Kb / 2P
7900-8500 MHz 20 Watt Linear Power Amplifier
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
925-960 MHz 20 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com