Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2408 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2408
Description  Monolithic Triple 4.5 ns CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2408 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2408 Datasheet HTML 1Page - National Semiconductor (TI) LM2408 Datasheet HTML 2Page - National Semiconductor (TI) LM2408 Datasheet HTML 3Page - National Semiconductor (TI) LM2408 Datasheet HTML 4Page - National Semiconductor (TI) LM2408 Datasheet HTML 5Page - National Semiconductor (TI) LM2408 Datasheet HTML 6Page - National Semiconductor (TI) LM2408 Datasheet HTML 7Page - National Semiconductor (TI) LM2408 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH12683
December 1996
LM2408
Monolithic Triple 45 ns CRT Driver
General Description
The LM2408 is an integrated high voltage CRT driver circuit
designed for use in color monitor applications The IC con-
tains three high input impedance wide band amplifiers
which directly drive the RGB cathodes of a CRT The gain of
each channel is internally set at b15 and can drive CRT
capacitive loads as well as resistive loads presented by oth-
er applications limited only by the package’s power dissipa-
tion
The IC is packaged in an industry standard 11-Lead TO-220
molded plastic power package See thermal considerations
on page 5
Features
Y
Risefall times typically 45 ns with 8 pF load
Y
Output swing capability 50 VPP for VCC e 80
40 VPP for VCC e 70
30 VPP for VCC e 60
Y
Pinout designed for easy PCB layout
Y
1V to 7V input range
Y
Stable with 0 pF – 20 pF capactive loads
Y
Convenient TO-220 staggered lead package style
Applications
Y
CRT driver for 1280 c 1024 (Non-interfaced) and XGA
display resolution color monitors
Y
Pixel clock frequency up to 160 MHz
Schematic and Connection Diagrams
TLH12683 – 1
FIGURE 1 Simplified Schematic Diagram (One Channel)
TLH12683 – 2
Note
Tab is at GND
Top View
C1996 National Semiconductor Corporation
RRD-B30M126Printed in U S A
http
www nationalcom


Similar Part No. - LM2408

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM24080BCW-1 TOPWAY-LM24080BCW-1 Datasheet
965Kb / 10P
LCD Module User Manual
LM24080BCW-3 TOPWAY-LM24080BCW-3 Datasheet
869Kb / 9P
LCD Module User Manual
LM24080BCW-4 TOPWAY-LM24080BCW-4 Datasheet
1Mb / 12P
LCD Module User Manual
LM24080BFW-2 TOPWAY-LM24080BFW-2 Datasheet
859Kb / 9P
LCD Module User Manual
More results

Similar Description - LM2408

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2403 NSC-LM2403 Datasheet
709Kb / 11P
Monolithic Triple 4.5 nS CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2403 TI1-LM2403 Datasheet
2Mb / 15P
Monolithic Triple 4.5 nS CRT Driver
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com