Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDF3645AS4 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # HDF3645AS4
Description  This specification shall cover the characteristics of SAW filter With HDF364.5A used for the page system.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF3645AS4 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  HDF3645AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF3645AS4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 9
规格书编号
SPEC NO :
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW FILTER
MODEL NO 型 号:
HDF364.5A SMD-4
MARKING
印 字:
HDF4336
PREPARED 编 制:
CHECKED 审 核:
APPROVED 批 准:
D A T E 日 期:
2009-5-8
无锡市好达电子有限公司
Shoulder Electronics Limited
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE


Similar Part No. - HDF3645AS4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDF36000F06 SCHNEIDER-HDF36000F06 Datasheet
162Kb / 2P
Circuit breaker, PowerPact H, No trip unit, 60A, 2 pole, 600V, 14kA
Jul 14, 2020
HDF36000F15 SCHNEIDER-HDF36000F15 Datasheet
165Kb / 2P
Circuit breaker, PowerPact H, No trip unit, 150A, 3 pole, 600V, 14kA
Jul 14, 2020
HDF36015 SCHNEIDER-HDF36015 Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 14kA
Jul 14, 2020
HDF36020 SCHNEIDER-HDF36020 Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 20A, 3 pole, 600V, 14kA
Jul 14, 2020
HDF36025 SCHNEIDER-HDF36025 Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 25A, 3 pole, 600V, 14kA
Jul 14, 2020
More results

Similar Description - HDF3645AS4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HDF448A-S4 LUGUANG-HDF448A-S4 Datasheet
189Kb / 6P
This specification shall cover the characteristics of SAW filter With 448M used for the page system.
logo
Shoulder Electronics Li...
HDF165MS4 SHOULDER-HDF165MS4 Datasheet
173Kb / 9P
This specification shall cover the characteristics of SAW filter With HDF165M used for the page system.
HDBF07015A64 SHOULDER-HDBF07015A64 Datasheet
118Kb / 6P
This specification shall cover the characteristics of SAW filter with HDBF07015A64 used for the page system.
HDBF09620A24 SHOULDER-HDBF09620A24 Datasheet
145Kb / 6P
This specification shall cover the characteristics of SAW filter with HDBF09620A24 used for the page system.
HDBF14015A64 SHOULDER-HDBF14015A64 Datasheet
122Kb / 6P
This specification shall cover the characteristics of SAW filter with HDBF14015A63 used for the page system.
HDBF16702A62 SHOULDER-HDBF16702A62 Datasheet
106Kb / 5P
This specification shall cover the characteristics of SAW filter with HDBF16702A62 used for the page system.
HDF477AS4 SHOULDER-HDF477AS4 Datasheet
157Kb / 8P
This specification shall cover the characteristics of SAW filter With 477M used for the page system.
HDF480CS4 SHOULDER-HDF480CS4 Datasheet
158Kb / 8P
This specification shall cover the characteristics of SAW filter With F480CS4 used for the page system.
HDF495AS3 SHOULDER-HDF495AS3 Datasheet
131Kb / 5P
This specification shall cover the characteristics of SAW filter With F495A used for the page system.
HDF594EF11 SHOULDER-HDF594EF11 Datasheet
139Kb / 6P
This specification shall cover the characteristics of SAW filter With F594E used for the page system.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com