Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDF418AS4 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF418AS4
Description  This specification shall cover the characteristics of SAW filter With F418A used for the page
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF418AS4 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF418AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF418AS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF418A
S4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
5. ENVIRONMENTAL CHARACTERISTICS
5-1 High temperature exposure
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2-2.
5-2 Low temperature exposure
Subject the device to -40℃ for 16 hours. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2-2.
5-3 Temperature cycling
Subject the device to a low temperature of -40℃for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall meet the specifications in 2-2.
5-4 Resistance to solder heat
Dip the device terminals no closer than 1.5mm into the solder bath at 260℃±10℃ for
10±1 sec. Then release the device into the room conditions for 4 hours. The device shall
meet the specifications in 2-2.
5-5 Solderability
Subject the device terminals into the solder bath at 245℃±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
2-2.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. The device
shall fulfill the specifications in 2-2.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in 2-2.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com