Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDF418ATS3 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF418ATS3
Description  This specification shall cover the characteristics of SAW filter With F418AT used for the page
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF418ATS3 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF418ATS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF418ATS3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAW FILTER
HDF418AT
SMD-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 8
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2) Label
Device Name
User Product Name
Quantity
Lot No.
(3) Leader part and vacant position specifications.
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width
8.2 Top Cover Tape Adhesion (See the below figure)
(1) pull off angle: 0~15º
(2) speed: 300mm/min.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com