Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2465 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2465
Description  Monolithic Triple 5.5 ns High Gain CRT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2465 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2465 Datasheet HTML 3Page - National Semiconductor (TI) LM2465 Datasheet HTML 4Page - National Semiconductor (TI) LM2465 Datasheet HTML 5Page - National Semiconductor (TI) LM2465 Datasheet HTML 6Page - National Semiconductor (TI) LM2465 Datasheet HTML 7Page - National Semiconductor (TI) LM2465 Datasheet HTML 8Page - National Semiconductor (TI) LM2465 Datasheet HTML 9Page - National Semiconductor (TI) LM2465 Datasheet HTML 10Page - National Semiconductor (TI) LM2465 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Hints (Continued)
NSC DEMONSTRATION BOARD
Figure 12 shows the routing and component placement on
the NSC LM126X/246X/LM2479/80 demonstration board.
The schematic of the board is shown in
Figure 10 and Figure
11. This board provides a good example of a layout that can
be used as a guide for future layouts. Note the location of the
following components:
•
C16, C19 — V
CC bypass capacitor, located very close to
pin 4 and ground pins
•
C17, C20 — V
BB bypass capacitors, located close to pin 8
and ground
•
C46, C47, C48 — V
CC bypass capacitors, near LM2465
and V
CC clamp diodes. Very important for arc protection.
The routing of the LM2465 outputs to the CRT is very critical
to achieving optimum performance.
Figure 13 shows the
routing and component placement from pin 3 of the LM2465
to the blue cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2465 to
the blue cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that D8, D9, R24 and D6 are placed
to minimize the size of the video nodes that they are
attached to. This minimizes parasitic capacitance in the
video path and also enhances the effectiveness of the
protection diodes. The anode of protection diode D8 is
connected directly to a section of the the ground plane that
has a short and direct path to the LM2465 ground pins. The
cathode of D9 is connected to V
CC very close to decoupling
capacitor C48 (see
Figure 13) which is connected to the
same section of the ground plane as D8. The diode
placement and routing is very important for minimizing the
voltage stress on the LM2465 during an arcover event.
Lastly, notice that S3 is placed very close to the blue cathode
and is tied directly to CRT ground.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com