Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST26C32 Datasheet(PDF) 2 Page - Exar Corporation

Part # ST26C32
Description  QUAD RS-422, RS-423 CMOS Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST26C32 Datasheet(HTML) 2 Page - Exar Corporation

  ST26C32 Datasheet HTML 1Page - Exar Corporation ST26C32 Datasheet HTML 2Page - Exar Corporation ST26C32 Datasheet HTML 3Page - Exar Corporation ST26C32 Datasheet HTML 4Page - Exar Corporation ST26C32 Datasheet HTML 5Page - Exar Corporation ST26C32 Datasheet HTML 6Page - Exar Corporation ST26C32 Datasheet HTML 7Page - Exar Corporation ST26C32 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST26C32
2
Rev. 1.01
PIN CONFIGURATION
16 Lead PDIP (0.300”)
VCC
INPUT D
OUTPUT D+
OUTPUT D-
-ENABLE
OUTPUT C-
OUTPUT C+
INPUT C
INPUT A
OUTPUT A+
OUTPUT A-
ENABLE
OUTPUT B-
OUTPUT B+
INPUT B
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16 Lead SOIC (Jedec, 0.150”)
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
VCC
INPUT D
OUTPUT D+
OUTPUT D-
-ENABLE
OUTPUT C-
OUTPUT C+
INPUT C
INPUT A
OUTPUT A+
OUTPUT A-
ENABLE
OUTPUT B-
OUTPUT B+
INPUT B
GND
PIN DESCRIPTION
Pin #
Symbol
Type
Description
1
INPUT A-
I
Receiver A differential inverting input pin.
2
INPUT A+
I
Receiver A differential non-inverting input pin.
3
OUTPUT A
O
Receiver A output pin.
4
ENABLE
I
Gate control (active high). This pin is one of the two control pins which enables or disables all
four receivers.
5
OUTPUT B
O
Receiver B output pin.
6
INPUT B+
I
Receiver B differential non-inverting input pin.
7
INPUT B-
I
Receiver B differential inverting input pin.
8
GND
O
Signal and power ground.
9
INPUT C-
I
Receiver C differential inverting input pin.
10
INPUT C+
I
Receiver C differential non-inverting input pin.
11
OUTPUT C
O
Receiver C output pin.
12
-ENABLE
I
Gate control (active low). See ENABLE description
13
OUTPUT D
O
Receiver D output pin.
14
INPUT D+
I
Receiver D differential non-inverting input pin.
15
INPUT D-
I
Receiver D differential inverting input pin.
16
VCC
I
Power supply pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com