Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP05 Datasheet(PDF) 10 Page - Analog Devices

Part # TMP05
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05 Datasheet(HTML) 10 Page - Analog Devices

Back Button TMP05 Datasheet HTML 6Page - Analog Devices TMP05 Datasheet HTML 7Page - Analog Devices TMP05 Datasheet HTML 8Page - Analog Devices TMP05 Datasheet HTML 9Page - Analog Devices TMP05 Datasheet HTML 10Page - Analog Devices TMP05 Datasheet HTML 11Page - Analog Devices TMP05 Datasheet HTML 12Page - Analog Devices TMP05 Datasheet HTML 13Page - Analog Devices TMP05 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
10
9
8
7
6
5
4
3
2
1
0
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
VDD = 3.3V
OUT PIN LOADED WITH 10k
Figure 6. PWM Output Frequency vs. Temperature
8.37
8.36
8.35
8.34
8.33
8.32
8.31
8.30
8.29
3.0
5.4
5.1
4.8
4.5
4.2
3.9
3.6
3.3
SUPPLY VOLTAGE (V)
OUT PIN LOADED WITH 10k
AMBIENT TEMPERATURE = 25
°C
Figure 7. PWM Output Frequency vs. Supply Voltage
140
120
100
80
60
40
20
0
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
VDD = 3.3V
OUT PIN LOADED WITH 10k
TL TIME
TH TIME
Figure 8. TH and TL Times vs. Temperature
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
CLOAD = 100pF
TIME (ns)
Figure 9. TMP05 Output Rise Time at 25°C
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
CLOAD = 100pF
TIME (ns)
Figure 10. TMP05 Output Fall Time at 25°C
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
RPULLUP = 1kΩ
RLOAD = 10 kΩ
CLOAD = 100pF
TIME (ns)
Figure 11. TMP06 Output Fall Time at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com