Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2574 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2574
Description  SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2574 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2574 Datasheet HTML 1Page - National Semiconductor (TI) LM2574 Datasheet HTML 2Page - National Semiconductor (TI) LM2574 Datasheet HTML 3Page - National Semiconductor (TI) LM2574 Datasheet HTML 4Page - National Semiconductor (TI) LM2574 Datasheet HTML 5Page - National Semiconductor (TI) LM2574 Datasheet HTML 6Page - National Semiconductor (TI) LM2574 Datasheet HTML 7Page - National Semiconductor (TI) LM2574 Datasheet HTML 8Page - National Semiconductor (TI) LM2574 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM2574-ADJ, LM2574HV-ADJ
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V, ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2574-ADJ
Units
(Limits)
LM2574HV-ADJ
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit
Figure 2
V
FB
Feedback Voltage
7V
≤ V
IN ≤ 40V, 0.1A ≤ ILOAD ≤ 0.5A
1.230
V
LM2574
V
OUT Programmed for 5V. Circuit of Figure 2
1.193/1.180
V(Min)
1.267/1.280
V(Max)
V
FB
Feedback Voltage
7V
≤ V
IN ≤ 60V, 0.1A ≤ ILOAD ≤ 0.5A
1.230
LM2574HV
V
OUT Programmed for 5V. Circuit of Figure 2
1.193/1.180
V(Min)
1.273/1.286
V(Max)
η
Efficiency
V
IN = 12V, VOUT = 5V, ILOAD = 0.5A
77
%
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version,
and V
IN = 30V for the 15V version. ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2574-XX
Units
(Limits)
LM2574HV-XX
Typ
Limit
(Note 2)
DEVICE PARAMETERS
I
b
Feedback Bias
Current
Adjustable Version Only, V
OUT = 5V
50
100/500
nA
f
O
Oscillator Frequency
(see Note 10)
52
kHz
47/42
kHz(Min)
58/63
kHz(Max)
V
SAT
Saturation Voltage
I
OUT = 0.5A (Note 4)
0.9
V
1.2/1.4
V(max)
DC
Max Duty Cycle
(ON)
(Note 5)
98
%
93
%(Min)
I
CL
Current Limit
Peak Current, (Notes 4, 10)
1.0
A
0.7/0.65
A(Min)
1.6/1.8
A(Max)
I
L
Output Leakage
(Notes 6, 7)
Output = 0V
2
mA(Max)
Current
Output = −1V
7.5
mA
Output = −1V
30
mA(Max)
I
Q
Quiescent Current
(Note 6)
5
mA
10
mA(Max)
I
STBY
Standby Quiescent
ON /OFF Pin= 5V (OFF)
50
µA
Current
200
µA(Max)
θ
JA
Thermal Resistance
N Package, Junction to Ambient (Note 8)
92
θ
JA
N Package, Junction to Ambient (Note 9)
72
˚C/W
θ
JA
M Package, Junction to Ambient (Note 8)
102
θ
JA
M Package, Junction to Ambient (Note 9)
78
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com