Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2576 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2576 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2576 Datasheet HTML 3Page - National Semiconductor (TI) LM2576 Datasheet HTML 4Page - National Semiconductor (TI) LM2576 Datasheet HTML 5Page - National Semiconductor (TI) LM2576 Datasheet HTML 6Page - National Semiconductor (TI) LM2576 Datasheet HTML 7Page - National Semiconductor (TI) LM2576 Datasheet HTML 8Page - National Semiconductor (TI) LM2576 Datasheet HTML 9Page - National Semiconductor (TI) LM2576 Datasheet HTML 10Page - National Semiconductor (TI) LM2576 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Typical Performance Characteristics (Circuit of Figure 2) (Continued)
Dropout Voltage
Current Limit
01147629
01147630
Quiescent Current
Standby
Quiescent Current
01147631
01147632
Oscillator Frequency
Switch Saturation
Voltage
01147633
01147634
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com