Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST00 Datasheet(PDF) 2 Page - Power System Technology

Part # PST00
Description  This range of power supplies is specially designed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST00 Datasheet(HTML) 2 Page - Power System Technology

  PST00 Datasheet HTML 1Page - Power System Technology PST00 Datasheet HTML 2Page - Power System Technology PST00 Datasheet HTML 3Page - Power System Technology PST00 Datasheet HTML 4Page - Power System Technology PST00 Datasheet HTML 5Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT
Voltage :
24Vdc,
range : 18-36Vdc
48Vdc,
range : 36-72Vdc
72Vdc,
range : 55-100Vdc
110Vdc,
range : 66-160Vdc
Transient protection : EN50155
Fuse protection
Reverse polarity protection
EMI : EN55022A, EN50121-3-2
OUTPUT
Voltage :
From 3,3 to 48V
Imax :
15A per output
Pmax. :
250W total
Redundancy :
N+1 with oring diodes on every ouput as an option
Current limit and short circuit :
protected on every output
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,2 %
0,2 %
2 %
105 to 135 %
of I nominal
Low line to high line ;
full load
10% to full load
Peak to peak -
Bandwidth 20MHz
according to o/p voltage
Vout = 95% of nominal ;
Automatic restart
0,5 %
0,5 %
Senses
Remote
Remote sense has to be
connected
V 1
Conditions
Max.
Typ.
0,2 %
2 %
2 %
105 to 135 %
of I nominal
0,5 %
3 %
Local
V 2
Max.
Typ.
0,2 %
3 %
2 %
105 to 135 %
of I nominal
0,5 %
4 %
Local
V 3
Max.
EUROCARD PST 00 ind 01
2/5
Rev. 00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com