Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST05 Datasheet(PDF) 1 Page - Power System Technology

Part # PST05
Description  Automobile bench of test
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST05 Datasheet(HTML) 1 Page - Power System Technology

  PST05 Datasheet HTML 1Page - Power System Technology PST05 Datasheet HTML 2Page - Power System Technology PST05 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
3U x 10TE x 160 mm
INPUT : 85 - 140 Vac or 180 - 265Vac
OUTPUT : 300W
Controled by fully isolated RS232
2 fully isolated outputs groups
Programmable curent fuses
Measure of voltage and current
Efficiency : 70 % typ.
Air forced
INPUT
Voltage range :
85 - 140 Vac or 180 - 265Vac
Nominal :
115 Vac or 230 Vac
Input protection :
fuse 4A
transient and surges protected
OUTPUT
Dual fully isolated outputs with RS232 control for current and voltage
Output A :
Programmable voltage from 6 to 29 Vdc
Programmable current fuses from 0,1 to 3A
Output B :
3 separate switchable outputs (programmable by RS232)
Programmable voltage from 6 to 29 Vdc
Programmable current fuses from 0,1 to 3A
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
(current fuse type)
0,02 %
0,02 %
1 %
Programmable
by RS232
from 0,1 to 3A
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Output shutdown RS232 command
or pushbutton restart
0,2 %
0,5 %
2 %
3A
OUTPUT
Conditions
Max.
APPLICATIONS
Automobile bench of test
Short circuit current
RS232 command or pushbutton
restart
3A
PST05
1/3
Rev. 00


Similar Part No. - PST05

ManufacturerPart #DatasheetDescription
logo
ABB
PST0510 ABB-PST0510 Datasheet
85Kb / 3P
LS1 PLIABLE CONDUIT TYPE T 25MM 10M
PST0530 ABB-PST0530 Datasheet
85Kb / 3P
LS1 PLIABLE CONDUIT TYPE T 25MM
More results

Similar Description - PST05

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5901B POMONA-5901B Datasheet
119Kb / 2P
Electronic Bench DMM Test Lead Kit
logo
Keysight Technologies
W2351EP KEYSIGHT-W2351EP Datasheet
1Mb / 4P
DDR4 Compliance Test Bench
W2352EP KEYSIGHT-W2352EP Datasheet
693Kb / 6P
PCI Express Compliance Test Bench
W2353EP KEYSIGHT-W2353EP Datasheet
742Kb / 6P
USB Compliance Test Bench
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
FAB0511021 PST-FAB0511021 Datasheet
239Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST01 PST-PST01 Datasheet
227Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST12 PST-PST12 Datasheet
263Kb / 3P
Automobile bench of test designed for DIN Rail mounting applications
logo
Figaro Engineering Inc.
SR-3 FIGARO-SR-3 Datasheet
210Kb / 2P
Bench Top Test Chamber
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com