Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST12 Datasheet(PDF) 1 Page - Power System Technology

Part # PST12
Description  Automobile bench of test designed for DIN Rail mounting applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST12 Datasheet(HTML) 1 Page - Power System Technology

  PST12 Datasheet HTML 1Page - Power System Technology PST12 Datasheet HTML 2Page - Power System Technology PST12 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
182 x 100 x 70 mm
INPUT : 85 - 140 Vac or 180 - 265Vac
OUTPUT : 300W
Controled by fully isolated RS232
2 fully isolated outputs groups
Programmable current fuses
Measure of voltage and current
Efficiency : 70 % typ.
Air forced
INPUT
Voltage range :
85 - 140 Vac or 180 - 265Vac
Nominal :
115 Vac or 230 Vac
Input protection :
fuse 4A
transient and surges protected
OUTPUT
Dual fully isolated outputs with RS232 control for current and voltage
Output A :
Programmable voltage from 6 to 29 Vdc
Programmable current fuse from 0,1 to 3A
Output B :
3 separate switchable outputs (programmable by RS232)
Programmable voltage from 6 to 29 Vdc
Programmable current fuse from 0,1 to 3A
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
(current fuse type)
0,02 %
0,02 %
1 %
Programmable
by RS232
from 0,1 to 3A
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Output shutdown RS232 command
or pushbutton restart
0,2 %
0,5 %
2 %
3A
OUTPUT
Conditions
Max.
APPLICATIONS
Automobile bench of test designed for DIN Rail mounting applications
Short circuit current
RS232 command or pushbutton
restart
3A
PST12
1/3
Rev. 00


Similar Part No. - PST12

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST10 PST-PST10 Datasheet
230Kb / 4P
Industrial DIN RAIL mounting application
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST13 PST-PST13 Datasheet
226Kb / 4P
Modular power supply for industrial & railways
PST14 PST-PST14 Datasheet
3Mb / 20P
DC-DC conduction cooled from 150W to several kWs
PST15 PST-PST15 Datasheet
285Kb / 5P
This range of power supplies is specially designed
More results

Similar Description - PST12

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
This range of power supplies is specially designed for DIN Rail mounting applications
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0511021 PST-FAB0511021 Datasheet
239Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST01 PST-PST01 Datasheet
227Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST05 PST-PST05 Datasheet
227Kb / 3P
Automobile bench of test
logo
Pepperl+Fuchs Inc.
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
Cover for DIN Mounting Rail
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-INS-05 PF-UPR-INS-05 Datasheet
453Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com