Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST20 Datasheet(PDF) 1 Page - Power System Technology

Part # PST20
Description  Industrial applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST20 Datasheet(HTML) 1 Page - Power System Technology

  PST20 Datasheet HTML 1Page - Power System Technology PST20 Datasheet HTML 2Page - Power System Technology PST20 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
6U x 8TE x 160 mm
INPUT : 85 - 264 Vac / 100-380Vdc
OUTPUT : 3V3, 5V, +12V, -12V
POWER : 250W
Efficiency : 77 % typ.
VME 64X compatible
INPUT
Voltage range :
85 - 264Vac, 47-63Hz / 100-380Vdc
Power Factor Correction :
active PFC, EN61000-3-2 and MIL-STD-461 CE101 compliant
Input protection :
fuse 5A
transient and surges protected
OUTPUT
Voltage :
V4 : 3V3 / 15A, V1 : + 5V / 40A (V1 +V4 do not exceed 200W)
V2 : +12V / 2A, V3 : - 12V / 2A
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,06 %
0,5 %
115 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
1,6 %
1 %
OUTPUT
Conditions
Max.
APPLICATIONS
Industrial applications.
Short circuit current
115 %
of I nominal
Vout < 250mV ; Automatic restart
PST20
1/3
Rev. 00


Similar Part No. - PST20

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST21 PST-PST21 Datasheet
512Kb / 6P
Chassis mounting applications, low profile
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
PST22 PST-PST22 Datasheet
1Mb / 11P
Standard product
PST23 PST-PST23 Datasheet
1Mb / 9P
Standard product
PST24 PST-PST24 Datasheet
1Mb / 8P
Standard product
More results

Similar Description - PST20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
Commercial, Industrial Applications
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
For Industrial Applications
Rev. 1.3, 2010-03-16
logo
Honeywell Accelerometer...
SS39ET HONEYWELL-ACC-SS39ET Datasheet
395Kb / 3P
INDUSTRIAL APPLICATIONS
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
Designing Industrial Applications with
16-Sep-2005
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
Automotive and Industrial Applications
logo
Power System Technology
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
Railways and industrial applications
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
logo
Taiyo Yuden (U.S.A.), I...
GMJ107BB7104MAHT TAIYO-YUDEN-GMJ107BB7104MAHT Datasheet
288Kb / 2P
Industrial Applications
GMJ325KB7106KMHP TAIYO-YUDEN-GMJ325KB7106KMHP Datasheet
289Kb / 2P
Industrial Applications
JMJ325KB7476MMHP TAIYO-YUDEN-JMJ325KB7476MMHP Datasheet
288Kb / 2P
Industrial Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com