Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST23 Datasheet(PDF) 6 Page - Power System Technology

Part # PST23
Description  Standard product
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST23 Datasheet(HTML) 6 Page - Power System Technology

  PST23 Datasheet HTML 1Page - Power System Technology PST23 Datasheet HTML 2Page - Power System Technology PST23 Datasheet HTML 3Page - Power System Technology PST23 Datasheet HTML 4Page - Power System Technology PST23 Datasheet HTML 5Page - Power System Technology PST23 Datasheet HTML 6Page - Power System Technology PST23 Datasheet HTML 7Page - Power System Technology PST23 Datasheet HTML 8Page - Power System Technology PST23 Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PST23 Rev. 04
Page 6 of 9
www.powersystemtechnology.com
Mechanical data
Connector Pin Allocation
Ref : J1-J2-J3-J4 :FAST ON Male 6,3*0,5mm
Ref : J5 : Molex 4 pts male connector SPOX serie
PIN
J1
INPUT +
Positive input voltage
J2
INPUT -
Negative input voltage
J3
OUTPUT +
Positive output voltage
J4
OUTPUT -
Negative output voltage
J5-2
+INH
Positive inhibit
J5-1
-INH
Negative inhibit
Description
Safety and Installations Instructions
Weight: 200g .
  



    
    


   
    !  
"   #$
% 
 & 
 
 
"   #$
''
!   (  !  (
#%)"*+
 &!(  
,)  
-./' 01 !
  '2 .. 3. 4/ 4/
5  '2 .. 3. 4/ 4
%6(  !!7!!( (
  &!(  
 ! ( !    &!(  " (    ! 
     $  ! ( 
(( 89 : ! ! ! ! 1 9 1  !  ;( ( 9  
 ( !  99   &!(      <  = 

!99
% (( &2.
--
--
''
&2. )+ '>
2.'2-2
2.'2-2
2.'2-2
2.'2-2
-''((
-'((
((
33((
-=2=.=/ ?)&6*+? =.((
A
6
A
6
A"
6"
A
6
A
6
A"
6"
 B*%C &9 ?&*C? #9-'.26-'2-
33((
3.((
2 5 * =((
3.((
33((
 B*%C &9 ?&*C? #9-'.26-'-
 B*%C &9 ?&*C? #9-'.26-'-
!   B*%C
! !! ?)&6*+?


  

  

!


"
#$
$
#$








'
(
'
(
))*+,-.'+,/++,)
))*+,0+)



$
#
$


"

#"
(%
'%
(&
'&
*+)1,+*)+,2+,)
3)/

"
"
"
- 4 
- 4 


  

  

!


"
#$
$
#$








'
(
'
(
))*+,-.'+,/++,)
))*+,0+)



$
#
$


"

#"
(%
'%
(&
'&
*+)1,+*)+,2+,)
3)/

"
"
"
- 4 
- 4 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com