Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CL72 Datasheet(PDF) 2 Page - American Microsemiconductor

Part # 2CL72
Description  High Voltage Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CL72 Datasheet(HTML) 2 Page - American Microsemiconductor

  2CL72 Datasheet HTML 1Page - American Microsemiconductor 2CL72 Datasheet HTML 2Page - American Microsemiconductor 2CL72 Datasheet HTML 3Page - American Microsemiconductor 2CL72 Datasheet HTML 4Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2CL Series
High Voltage Diodes
American Microsemiconductor Inc.
133 Kings Road, Madison, NJ 07940
tel.
973-377-9566fax.973-377-3078
Page 2 of 4
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325
http://www.americanmicrosemiconductor.com
Type
2CL75
2CL77
A
12.0
■ Electrical Characteristics
Rated Value
Sign
Condition
2CL70
2CL71
2CL72
2CL73
2CL74
Unit
Max. Forward Peak Voltage
V
IF=10mA
20.0
25.0
30.0
37.5
42.0
V
Max.
Reverse Recovery
Time
trr
IF=2mA
IR=4mA
0.1
μS
Max.
Reverse
Leakage
Current
IR1
VR=VRRM ,25℃
2.0
μA
Max.
Reverse
Leakage
Current
IR2
VR=VRRM ,100℃
5.0
μA
Max. Junction Capacitor
Cj
2
pF
2CL75,77 high voltage diodes adopt the design of high reliable multiple mesa structure in a
silicon tube, molded in small volume and compact packaging surface with epoxy resin.
■ Features:
Fast recovery
Low forward voltage drop, low leakage current
Avalanche breakdown protection
Discharge of CRT high voltage surge current
Axial lead diode, could weld on tube pin
Epoxy resin molded and can resist corrosion on its surface
■ Application:
Television and FBT display
Cathode ion generator, laser power supply
neon lamp power supply, voltage multiplier assembly
DC high voltage generator assembly
■ MAX.RATED VALUE
Rated Value
Sign
Condition
2CL75
2CL77
Unit
Peak Reverse Repetitive
Voltage
VRRM
16
20
kV
Average Forward Rectifier
Current
IO
5.0
mA
Max.
Repetitive
Surge
current
IFSM
Ta=25℃,rated load,half cycle,
single phase,50Hz
0.5
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com