Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMS15FS Datasheet(PDF) 1 Page - American Microsemiconductor

Part # AMS15FS
Description  High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

AMS15FS Datasheet(HTML) 1 Page - American Microsemiconductor

  AMS15FS Datasheet HTML 1Page - American Microsemiconductor AMS15FS Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMS15FS
High Voltage Rectifier
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 2
Revised 06/2013
Dimensional Diagram
Inches
Millimeters
Notes
L
0.94
24 min.
LDIA
0.024
0.6
P
0.47
12.0
PDIA
0.12
3.0
B
Code Lot No.
M
Cathode Mark
Features
Resistant to corrosion
Encapsulated by a hermetically
sealed epoxy resin package
Avalanche breakdown protection
Lightweight and durable
Applications
Electrostatic Precipitator
High voltage generators
High voltage testing
Absolute Maximum Ratings
Symbol
Value
Unit
Conditions
Repetitive Peak Rev.
Volt
VRRM
15.0
KV
Ta=25°C; I(R)=0.02μA
Peak Reverse Voltage
VRWM
15.0
KV
Ta=25°C; I(R)=0.02μA
Non-repetitive Peak
Rev.
VRSM
17.0
KV
Ta=25°C; I(R)=0.02μA
Average Forward
Current
IF(AV)
0.0
A
50Hz; T(break)=50°C
Reverse Recovery Time TRR
100.0
nS
I(F)=10mA; I(R)=20mA; I(RR)=5mA
Surge Forward Current
IFSM
1.0
A
0.01S@ Half-Sine wave, 50Hz
Operating Temperature TA
-40 to 120
°C
Storage Temperature
TSTG
-40 to 120
°C


Similar Part No. - AMS15FS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CD ADMOS-AMS1501CD Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CD-1.5 ADMOS-AMS1501CD-1.5 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CD-2.5 ADMOS-AMS1501CD-2.5 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS15FS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com