Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72734 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 97Page - STMicroelectronics ST72734 Datasheet HTML 98Page - STMicroelectronics ST72734 Datasheet HTML 99Page - STMicroelectronics ST72734 Datasheet HTML 100Page - STMicroelectronics ST72734 Datasheet HTML 101Page - STMicroelectronics ST72734 Datasheet HTML 102Page - STMicroelectronics ST72734 Datasheet HTML 103Page - STMicroelectronics ST72734 Datasheet HTML 104Page - STMicroelectronics ST72734 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 144 page
background image
ST72774/ST727754/ST72734
101/144
DDC INTERFACE (Cont’d)
Figure 60. Mapping of DDC1 data structure
DDC2B Transition Mode: This mode avoids the
display switching to DDC2B mode if spurious
noise is detected on SCL while the host is in DDC1
mode.
When the DDC1/2B interface is in DDC1 mode
and detects a falling edge on SCL, it enters the
transition state (see Figure 61).
If a valid I2C sequence (START followed by a valid
Device Address for CF0 =0 (see Table 25)) is not
received within either 128 Vsync pulses or a period
of approximately 2 seconds, then the interface will
revert to DDC1 mode at the EDID start address.
If the interface decodes a valid DDC2B Device
Address, it will lock into DDC2B mode and
subsequently disregard VSYNCI.
When in transition mode, the Vsync pulse counter
or the 2-sec. timeout counter is reset by any
activity on the SCL line.
Figure 61. Transition Mode Waveforms
AHR
ALR
0
7
8
15
Addr Pointer
0000h
FFFFh
256 * AHR
ALR
128-byte Data
Structure
MSB of ALR is always ‘0’
AHR[7:1]
ALR
0
7
8
15
Addr Pointer
0000h
FFFFh
512 * AHR[7:1]
9
1
ALR
128-byte Data
Structure
DDC v2 mode: CF[1:0] bits = 00b
DDC v2 + P&D mode: CF[1:0] bits = 10b
Reserved
- LSB of AHR is ignored and taken as ‘1’
- MSB of ALR is always ‘0’
Notes:
Note:
6
0
Vsync
SDA
SCL
ALR
00h
DDC1 mode
Transition mode
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com