Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72734 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 98Page - STMicroelectronics ST72734 Datasheet HTML 99Page - STMicroelectronics ST72734 Datasheet HTML 100Page - STMicroelectronics ST72734 Datasheet HTML 101Page - STMicroelectronics ST72734 Datasheet HTML 102Page - STMicroelectronics ST72734 Datasheet HTML 103Page - STMicroelectronics ST72734 Datasheet HTML 104Page - STMicroelectronics ST72734 Datasheet HTML 105Page - STMicroelectronics ST72734 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 144 page
background image
ST72774/ST727754/ST72734
102/144
DDC INTERFACE (Cont’d)
DDC2B Mode: The DDC1/2B Interface enters
DDC2B mode either from the transition state or
from the initial state if software sets the HWPE bit
while P&D only or FPDI-2 mode is selected.
Once in DDC2B mode, the Interface always acts
as a slave following the protocol described in
Figure 62.
The DDC1/2B Interface continuously monitors the
SDA and SCL lines for a START condition and will
not respond (no acknowledge) until one is found.
A STOP condition at the end of a Read command
(after a NACK) forces the stand-by state. A STOP
condition at the end of a Write command triggers
the internal DMA write cycle.
The Interface samples the SDA line on the rising
edge of SCL and outputs data on the falling edge
of SCL. In any case SDA can only change when
SCL is low.
Figure 62. DDC2B protocol (example)
SDA
SCL
Start
Ack
A0h
Device Slave
00h
Data Address
Ack
Start A1h
Data1
Ack
DataN
Nack
Stop
Stop
Address
Device Slave
Address
128 / 256 bytes EDID
Legend:
Italics = data / control signal from display
Ack
Bold = data / control signal from host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com