Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2640 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2640
Description  Dual Adjustable Step-Down Switching Power Supply Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2640 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2640 Datasheet HTML 1Page - National Semiconductor (TI) LM2640 Datasheet HTML 2Page - National Semiconductor (TI) LM2640 Datasheet HTML 3Page - National Semiconductor (TI) LM2640 Datasheet HTML 4Page - National Semiconductor (TI) LM2640 Datasheet HTML 5Page - National Semiconductor (TI) LM2640 Datasheet HTML 6Page - National Semiconductor (TI) LM2640 Datasheet HTML 7Page - National Semiconductor (TI) LM2640 Datasheet HTML 8Page - National Semiconductor (TI) LM2640 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2640
Dual Adjustable Step-Down Switching Power Supply
Controller
General Description
The LM2640 is a dual step-down power supply controller
intended for application in notebook personal computers and
other battery-powered equipment.
Fixed-frequency synchronous drive of logic-level N-channel
power
MOSFETs
is
combined
with
an
optional
pulse-skipping mode to achieve ultra efficient power conver-
sion over a 1000:1 load current range. The pulse-skipping
mode can be disabled in favor of fixed-frequency operation
regardless of the load current level.
High DC gain and current-mode feedback control assure
excellent line and load regulation and a wide loop bandwidth
for fast response to dynamic loads.
An internal oscillator fixes the switching frequency at
200 kHz. Optionally, switching can be synchronized to an
external clock running as fast as 400 kHz.
An optional soft-start feature limits current surges from the
input power supply at start up and provides a simple means
of start-up sequencing.
Logic-level inputs allow the controllers to be turned ON and
OFF separately.
Key Specifications
n
96% efficient
n
5.5 to 30V input range
n
Dual outputs adjustable from 2.2 to 6V
n
0.5% typical load regulation error
n
0.002%/V typical line regulation error
Features
n
200 kHz fixed-frequency switching
n
Switching synchronization with an external signal up to
400 kHz
n
Optional pulse-skipping mode
n
Adjustable secondary feedback
n
Input undervoltage lockout
n
Output undervoltage shutdown protection
n
Output overvoltage shutdown protection
n
Programmable soft-start (each controller)
n
5V, 50 mA linear regulator output
n
Precision 2.5V reference output
n
28-pin TSSOP
Applications
n
Notebook and subnotebook computers
n
Wireless data terminals
n
Battery-powered instruments
Connection Diagram and Ordering Information
28-Lead TSSOP (MTC)
10014801
Top View
Order Number LM2640MTC-ADJ
See NS Package Number MTC28
May 2001
© 2001 National Semiconductor Corporation
DS100148
www.national.com


Similar Part No. - LM2640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
LM2640 TI2-LM2640 Datasheet
986Kb / 29P
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
REVISED APRIL 2013
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results

Similar Description - LM2640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
Dual Adjustable Step-Down Switching Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
Step-down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
Dual synchronous step-down controller with adjustable LDO
26-Jun-2008
logo
Texas Instruments
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
LM2640 TI-LM2640_15 Datasheet
1Mb / 29P
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
LM2641 TI1-LM2641 Datasheet
1Mb / 31P
Dual Adjustable Step-Down Switching Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com